Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1205 Datasheet(PDF) 5 Page - Advanced Analog Technology, Inc.

Part No. AAT1205
Description  400-mA MULTI-INPUT LOW-DROPOUT REGULATOR WITH DUAL OUTPUT POWER MANAGEMENT
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT1205 Datasheet(HTML) 5 Page - Advanced Analog Technology, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
Page 5 of 21
V 1.0
AAT1205
Function Block
VCC50
Detector
+
-
VCC50
3.3V
AUX33
GND
Over
Temperature
Protection
OUT25
2.5V
VSB50
Detector
Control
OUT33
VSB50
3.3V
Low on Resistance
-
-
+
+
EN25


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn