Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1106 Datasheet(PDF) 6 Page - Advanced Analog Technology, Inc.

Part # AAT1106
Description  2-CHANNEL STEP-UP PWM CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1106 Datasheet(HTML) 6 Page - Advanced Analog Technology, Inc.

Back Button AAT1106 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1106 Datasheet HTML 10Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Advanced Analog Technology, Inc.
台灣類比科技股份有限公司
Advanced Analog Technology, Inc.
V 0.1
AAT1106
Electrical Characteristics,
DD
V
= 5.0V (Unless Otherwise Specified) (See Note 1) (continued)
Dead Time Control & PWM
Parameter
Test Condition
Min
Typ
Max
Unit
Input bias current
BDT
I
DTC
V = 2V
0.1
1
µA
0
d
V
Duty = 0%,
OSC
f
= 10kHz
1.38
1.48
1.58
Input threshold voltage
(DTC)
100
d
V
Duty = 100%,
OSC
f
= 10kHz
1.87
1.97
2.07
V
Latch input voltage
VDT
IDT = 100µA
0.1
0.3
V
Latch mode source current
IDT
DTC1,2=2.0V
200
500
µA
Output Stage
Parameter
Test Condition
Min
Typ
Max Unit
High-level output voltage
VOH
IO=-50mA
3.6
4.0
V
Low-level output voltage
VOL
IO=+50mA
0.8
1.2
V
Rise time
Trise
CL=1000pF
100
nS
Fail time
Tfail
CL=1000pF
100
nS
Leakage current
Ipeak
Vo =6.0V
5
µA
Operating Current
Parameter
Test Condition
Min
Typ
Max Unit
OFF
DD
I
Output ”OFF” state
1.8
mA
Supply current
ON
DD
I
PRT =10 k
2.0
mA


Similar Part No. - AAT1106

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106ICB-0.6-T1 ANALOGICTECH-AAT1106ICB-0.6-T1 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106ICB-0.6-T1 SKYWORKS-AAT1106ICB-0.6-T1 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106ICB-1.5-T1 ANALOGICTECH-AAT1106ICB-1.5-T1 Datasheet
1Mb / 18P
   600mA Step-Down Converter
More results

Similar Description - AAT1106

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT1108 AAT-AAT1108 Datasheet
190Kb / 11P
   2-CHANNEL STEP-UP PWM CONTROLLERS WITH ADJUSTABLE LDO
logo
Torex Semiconductor
XC9101 TOREX-XC9101_1 Datasheet
1Mb / 22P
   PWM Controlled Step-Up DC/DC Controllers
XC9101 TOREX-XC9101 Datasheet
299Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers
XC6371 TOREX-XC6371 Datasheet
235Kb / 14P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6371 TOREX-XC6371_2 Datasheet
742Kb / 19P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6371 TOREX-XC6371_1 Datasheet
770Kb / 18P
   PWM Controlled Step-Up DC/DC Controllers/Converters
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com