Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V36102L15PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V36102L15PF
Description  3.3 VOLT CMOS SyncBiFIFO-TM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V36102L15PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V36102L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 12Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 13Page - Integrated Device Technology IDT72V36102L15PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT72V3682/72V3692/72V36102 3.3V CMOS SyncBiFIFOTM
16,384 x 36 x 2, 32,768 x 36 x 2 and 65,536 x 36 x 2
read request necessary. Subsequent words must be accessed by performing
a formal read operation.
Following Reset, the level applied to the
FWFTinputtochoosethedesired
timing mode must remain static throughout FIFO operation. Refer to Figure 2
(Reset) for a First Word Fall Through select timing diagram.
ALMOST-EMPTYFLAGANDALMOST-FULLFLAGOFFSETPROGRAMMING
Four registers in these devices are used to hold the offset values for the
Almost-EmptyandAlmost-Fullflags.TheportBAlmost-Emptyflag(
AEB)Offset
register is labeled X1 and the port A Almost-Empty flag (
AEA)Offsetregisteris
labeled X2. The port A Almost-Full flag (
AFA)OffsetregisterislabeledY1and
theportBAlmost-Fullflag(
AFB)OffsetregisterislabeledY2.Theindexofeach
register name corresponds to its FIFO number. The offset registers can be
loadedwithpresetvaluesduringtheresetofaFIFOortheycanbeprogrammed
from port A (see Table 1).
FS0andFS1functionthesamewayinbothIDTStandardandFWFTmodes.
— PRESET VALUES
ToloadtheFIFO'sAlmost-EmptyflagandAlmost-FullflagOffsetregisterswith
oneofthethreepresetvalueslistedinTable1,atleastoneoftheflagselectinputs
mustbeHIGHduringtheLOW-to-HIGHtransitionofitsresetinput.Forexample,
to load the preset value of 64 into X1 and Y1, FS0 and FS1 must be HIGH when
FlFO1Reset(
RST1)returnsHIGH.FlagoffsetregistersassociatedwithFIFO2
are loaded with one of the preset values in the same way with FIFO2 Reset
(
RST2) toggled simultaneously with FIFO1 Reset (RST1). For preset value
loading timing diagram, see Figure 2.
— PARALLEL LOAD FROM PORT A
To program the X1, X2, Y1, and Y2 registers from port A, both FlFOs should
be reset simultaneously with FS0 and FS1 LOW during the LOW-to-HIGH
transitionoftheResetinputs.Itisimportanttonotethatonceparallelprogramming
hasbeenselectedduringaMasterResetbyholdingbothFS0&FS1LOW,these
inputs must remain LOW during all subsequent FIFO operation. They can only
be toggled HIGH when future Master Resets are performed and other
programming methods are desired.
After this reset is complete, the first four writes to FIFO1 do not store data in
the FIFO memory but load the offset registers in the order Y1, X1, Y2, X2. The
port A data inputs used by the offset registers are (A10-A0), (A11-A0), or (A12-
A0) for the IDT72V3682, IDT72V3692, or IDT72V36102, respectively. The
SIGNAL DESCRIPTION
RESET
After power up, a Master Reset operation must be performed by providing
a LOW pulse to
RST1 and RST2 simultaneously. Afterwards, the FIFO
memories of the IDT72V3682/72V3692/72V36102 are reset separately by
taking their Reset (
RST1, RST2) inputs LOW for at least four port-A Clock
(CLKA) and four port-B Clock (CLKB) LOW-to-HIGH transitions. The Reset
inputs can switch asynchronously to the clocks. A FIFO reset initializes the
internalreadandwritepointersandforcestheInputReadyflag(IRA,IRB)LOW,
the Output Ready flag (ORA, ORB) LOW, the Almost-Empty flag (
AEA, AEB)
LOW,andtheAlmost-Fullflag(
AFA,AFB)HIGH. ResettingaFIFOalsoforces
the Mailbox Flag (
MBF1, MBF2) of the parallel mailbox register HIGH. After
a FIFO is reset, its Input Ready flag is set HIGH after two clock cycles to begin
normal operation.
A LOW-to-HIGH transition on a FIFO Reset (
RST1,RST2)inputlatchesthe
value of the Flag Select (FS0, FS1) inputs for choosing the Almost-Full and
Almost-Empty offset programming method. (For details see Table 1, Flag
Programming,andtheProgrammingtheAlmost-EmptyandAlmost-FullFlags
section). The relevant FIFO Reset timing diagram can be found in Figure 2.
FIRST WORD FALL THROUGH (
FWFT)
After Master Reset, the FWFT select function is active, permitting a choice
between two possible timing modes: IDT Standard mode or First Word Fall
Through (FWFT) mode. Once the Reset (
RST1,RST2)inputisHIGH,aHIGH
on the
FWFT input during the next LOW-to-HIGH transition of CLKA (for
FIFO1) and CLKB (for FIFO2) will select IDT Standard mode. This mode uses
the Empty Flag function (
EFA, EFB) to indicate whether or not there are any
words present in the FIFO memory. It uses the Full Flag function (
FFA, FFB)
to indicate whether or not the FIFO memory has any free space for writing. In
IDT Standard mode, every word read from the FIFO, including the first, must
be requested using a formal read operation.
Once the Reset (
RST1, RST2) input is HIGH, a LOW on the FWFT input
during the next LOW-to-HIGH transition of CLKA (for FIFO1) and CLKB (for
FIFO2) will select FWFT mode. This mode uses the Output Ready function
(ORA, ORB) to indicate whether or not there is valid data at the data outputs
(A0-A35orB0-B35).ItalsousestheInputReadyfunction(IRA,IRB)toindicate
whether or not the FIFO memory has any free space for writing. In the FWFT
mode, the first word written to an empty FIFO goes directly to data outputs, no
NOTES:
1. X1 register holds the offset for
AEB; Y1 register holds the offset for AFA.
2. X2 register holds the offset for
AEA; Y2 register holds the offset for AFB.
3. If parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
FS1
FS0
RST1
RST2
X1 AND Y1 REGlSTERS(1)
X2 AND Y2 REGlSTERS(2)
HH
X64
X
HH
X
X64
HL
X16
X
HL
X
X16
LH
X8
X
LH
X
X8
LL
↑↑
Parallel programming via Port A(3)
Parallel programming via Port A(3)
TABLE 1 — FLAG PROGRAMMING


Similar Part No. - IDT72V36102L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V36100 IDT-IDT72V36100 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V36100L10BB IDT-IDT72V36100L10BB Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V36100L10BBI IDT-IDT72V36100L10BBI Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
More results

Similar Description - IDT72V36102L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com