Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN80C32N Datasheet(PDF) 2 Page - Integral Corp.

Part No. IN80C32N
Description  CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN80C32N Datasheet(HTML) 2 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IN80C32N/IN80C52N
2
CMOS single-chip 8-bit microcontroller 80C32/80C52
DC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES
T=-10 oC to + 70oC; Vcc= 5V
± 10%
Parameter
Test conditions
Limits
Symb
Min
Max
Vcc
4,5
5,5
Icc
Supply current operating, mA
Vcc = 5,5 V
Fclc = 12MHz
-
18
Icc1
Idle mode current, mA
Vcc = 5,5 V
Fclc = 12MHz
-
5,0
Ipd
Pover-down current, mkA
2V
≤Vpd≤Vcc max
-
50
INPUTS:
Vil
LOW level input voltage, V
(exept EA)
-0,5
0.2Vcc-0,1
Vili
LOW level input voltage, V
(for EA)
-0,5
0.2Vcc-0,3
Vih
HIGH level input voltage, V
(exept XTAL1, RST)
0,2Vcc +0,9
Vcc+0,5
Vih1
HIGH level input voltage, V
(for XTAL1, RST)
0,7Vcc
Vcc+0,5
-Iil
Input current logic 1, mkA
(Ports 1, 2 and 3)
Vi=0,45 V
-
50
±Itl
Input current logic 1 to 0, mkA
(Ports 1, 2 and 3)
Vi=2 V
-
500
±Ili
Input leacage current, mkA
(Port 0, EA)
0,45V
≤Vi≤Vcc
-
10
OUTPUTS:
Vol
LOW level output voltage, V
(Ports 1, 2 and 3)
Iol = 1,6 mA
-
0,45
Vol1
LOW level output voltage, V
(Ports 0, ALE, PSEN)
Iol = 3,2 mA
-
0,45
Voh
HIGH level output voltage, V
(Ports 1, 2 and 3)
-Ioh=60 mkA
Vcc=5V
±10%
2,4
-
Voh1
HIGH level output voltage, V
(Ports 0, ALE, PSEN)
-Ioh=400 mkA
Vcc=5V
±10%
2,4
-
Rrst
RST pull-down resistor, kOm
20
120
Ci/0
I/O pin capasitance, pF
test frecuency=1MHz
-
10
AC ELECTRICAL CHARACTERISTICS FOR INTEGRAL DEVICES
T=-10 oC to + 70oC; Vcc= 5V
± 10%
Symbol
Parameter
Variable Oscillator
Unit
Fclc
Min
Max
Oscillator Frequency:
IN80C32N - 12
1,6
12
MHz
IN80C32N - 16
1,6
16
MHz
IN80C52N - 12
1,6
12
MHz
IN80C52N - 16
1,6
16
MHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn