Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX208DW Datasheet(PDF) 8 Page - Integral Corp.

Part # ILX208DW
Description  Interface IC of data serial transfer with one supply voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILX208DW Datasheet(HTML) 8 Page - Integral Corp.

  ILX208DW Datasheet HTML 1Page - Integral Corp. ILX208DW Datasheet HTML 2Page - Integral Corp. ILX208DW Datasheet HTML 3Page - Integral Corp. ILX208DW Datasheet HTML 4Page - Integral Corp. ILX208DW Datasheet HTML 5Page - Integral Corp. ILX208DW Datasheet HTML 6Page - Integral Corp. ILX208DW Datasheet HTML 7Page - Integral Corp. ILX208DW Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ILX208DW
8
T
OUT
T
IN
Control
strobe
t
W
t
W
t
W
t
W
t
W 1
Figure 6 – Timing diagram of signals when measuring speed of information ST
transmission
Package overall dimensions
DW index
SOIC
4322.24-A
Note:
1. Overall dimensions А and В are specified without taking fin and metal protuberances into consideration.
2. Presence of fin and metal protuberances for A – up to 0.15 mm (0.006) for side; for B – up to 0.25 mm
(0.010) for side.
Dimensions, mm
Sign
MIN
MAX
A
15.20
15.60
B
7.40
7.60
C
2.35
2.65
D
0.33
0.51
F
0.40
1.27
G
1.27
H
9.53
J
0
°
8
°
K
0.10
0.30
M
0.23
0.32
P
10.0
10.65
R
0.25
0.75
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
Установочная
плоскость
0.25 (0.010) M T
-T-
1
24
12
13


Similar Part No. - ILX208DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILX207DW INTEGRAL-ILX207DW Datasheet
202Kb / 8P
   Interface IC of data serial transfer with one supply voltage
More results

Similar Description - ILX208DW

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILX207DW INTEGRAL-ILX207DW Datasheet
202Kb / 8P
   Interface IC of data serial transfer with one supply voltage
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Shenzhen Huazhimei Semi...
HM232 HMSEMI-HM232 Datasheet
465Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
   Interface transceiver of RS-232 standard with one supply voltage
logo
IK Semicon Co., Ltd
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
   Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
Future Technology Devic...
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
   Single chip USB to asynchronous serial data transfer interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com