Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL7906 Datasheet(PDF) 4 Page - Integral Corp.

Part # IL7906
Description  THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL7906 Datasheet(HTML) 4 Page - Integral Corp.

  IL7906 Datasheet HTML 1Page - Integral Corp. IL7906 Datasheet HTML 2Page - Integral Corp. IL7906 Datasheet HTML 3Page - Integral Corp. IL7906 Datasheet HTML 4Page - Integral Corp. IL7906 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IL79XXC SERIES
4
IL7915
Electrical characteristics
(VI = -23V, Io = 500mA, 0°C <TJ<+125°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
-14.4
-15
-15.6
Vdc
Line Regulation (Note 1)
(TJ=+25
°C, Io = 100mA)
-17.5Vdc
≥ VI ≥ -30Vdc
-20Vdc
≥ VI ≥ -26Vdc
(TJ=+25
°C, Io =500mA)
-17.5Vdc
≥ VI ≥ -30Vdc
-20Vdc
≥ VI ≥ -26Vdc
Regline
-
-
-
-
14
6.0
57
27
150
75
300
150
mV
Load Regulation (TJ=+25
°C, Note 1)
5.0mA
≤ Io ≤ 1.5A
250mA
≤ Io ≤ 750 mA
Regload
-
-
68
25
300
150
mV
Output Voltage
5.0mA
≤ Io ≤ 1.0A, Po ≤15 W
-17.5Vdc
≥ VI ≥ -30Vdc
Vo
-14.25
-
-15.75
Vcd
Input Bias Current (TJ=+25°C)
IIB
-
4.4
8.0
mA
Input Bias Current Change
-17.5Vdc
≥ VI ≥ -30Vdc
5.0mA
≤ Io ≤ 1.0A
∆ IIB
-
-
-
-
1.0
0.5
mA
Output Noise Voltage (TA=+25
°C)
10 Hz
≤ f ≤ 100 kHz
eon
-
90
-
µV
Ripple Rejection (Io=20mA f=120Hz)
RR
-
60
-
dB
Dropout Voltage (Io=1.0A, TJ =+25°C)
VI-Vo
-
2.0
-
Vdc
Average Temperature Coefficient of
Output Voltage Io=5.0mA, 0
°C <TJ<+125°C
DVo/Vo
-
-1.0
-
mV/
°C
IL7912
Electrical characteristics
(VI = -19V, Io = 500mA, 0°C <TJ<+125°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ=+25
°C)
Vo
-11.5
-12
-12.5
Vdc
Line Regulation (Note 1)
(TJ=+25
°C, Io = 100mA)
-14.5Vdc
≥ VI ≥ -30Vdc
-16Vdc
≥ VI ≥ -22Vdc
(TJ=+25
°C, Io =500mA)
-14.5Vdc
≥ VI ≥ -30Vdc
-16Vdc
≥ VI ≥ -22Vdc
Regline
-
-
-
-
13
6.0
55
24
120
60
240
120
mV
Load Regulation (TJ=+25
°C, Note 1)
5.0mA
≤ Io ≤ 1.5A
250mA
≤ Io ≤ 750 mA
Regload
-
-
46
17
240
120
mV
Output Voltage
5.0mA
≤ Io ≤ 1.0A, Po ≤15 W
-14.5Vdc
≥ VI ≥ -27Vdc
Vo
-11.4
-
-12.6
Vcd
Input Bias Current (TJ=+25°C)
IIB
-
4.4
8.0
mA
Input Bias Current Change
-14.5Vdc
≥ VI ≥ -30Vdc
5.0mA
≤ Io ≤ 1.5A
∆ IIB
-
-
-
-
1.0
0.5
mA
Output Noise Voltage (TA=+25
°C)
10 Hz
≤ f ≤ 100 kHz
eon
-
75
-
µV
Ripple Rejection (Io=20mA f=120Hz)
RR
-
61
-
dB
Dropout Voltage (Io=1.0A, TJ =+25°C)
VI-Vo
-
2.0
-
Vdc
Average Temperature Coefficient of
Output Voltage Io=5.0mA, 0
°C <TJ<+125°C
DVo/Vo
-
-1.0
-
mV/
°C
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in Vo due to heating effects must be taken into
account separately.Pulse testing with low duty cycle is used.


Similar Part No. - IL7906

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL79L INTEGRAL-IL79L Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L05 INTEGRAL-IL79L05 Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L12 INTEGRAL-IL79L12 Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L15 INTEGRAL-IL79L15 Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
IL79L18 INTEGRAL-IL79L18 Datasheet
122Kb / 4P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IL7906

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
logo
Toshiba Semiconductor
TA79L05F TOSHIBA-TA79L05F_06 Datasheet
494Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com