Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C48533-01 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C48533-01
Description  3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C48533-01 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI6C48533-01 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C48533-01 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PI6C48533-01
3.3V Low Skew 1-to-4
Differential/LVCMOS to LVPECL Fanout Buffer
7
PS8737B
02/08/06
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Packaging Mechanical: 20-Pin TSSOP (L)
Ordering Information(1,2)
Ordering Code
Package Code
Package Description
PI6C48533-01LE
L
Pb-free & Green 20-pin 173-mil wide TSSOP
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free and Green
����
������
����
����
����
����
�������
�����
�����
���
����
����
����
����
����
����
��
����
����
����
����
���
���
����
����
����
�����
���
���
���
���
����
����
����
����
����
���


Similar Part No. - PI6C48533-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48533-01LE PERICOM-PI6C48533-01LE Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01LEX PERICOM-PI6C48533-01LEX Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
More results

Similar Description - PI6C48533-01

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48533-01 PERICOM-PI6C48533-01_15 Datasheet
668Kb / 7P
   3.3V Low Skew 1-to-4 Differential/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Device Techn...
IDT8535-01 IDT-IDT8535-01 Datasheet
75Kb / 11P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS8535-01 ICST-ICS8535-01 Datasheet
115Kb / 12P
   LOW SKEW, 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER
logo
Integrated Device Techn...
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Renesas Technology Corp
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
8533-01 RENESAS-8533-01 Datasheet
411Kb / 18P
   Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
January 19, 2016
logo
Micrel Semiconductor
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
   3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS8533-01 ICST-ICS8533-01 Datasheet
125Kb / 13P
   LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
logo
Pericom Semiconductor C...
PI6C48535-11 PERICOM-PI6C48535-11 Datasheet
286Kb / 5P
   3.3V Low Skew 1-to-4 Crystal/LVCMOS to LVPECL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com