Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACT823SDCX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACT823SDCX
Description  9-Bit D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACT823SDCX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACT823SDCX Datasheet HTML 1Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 2Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 3Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 4Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 5Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 6Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 7Page - National Semiconductor (TI) 54ACT823SDCX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74ACT
54ACT
74ACT
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
VCC
CL e 50pF
to a125 Cto a85 C
Units
(V)
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock
50
120
158
95
109
MHz
Frequency
tPLH
Propagation Delay
50
15
55
95
15
120
15
105
ns
CP to On
tPHL
Propagation Delay
50
20
55
95
15
120
15
105
ns
CP to On
tPHL
Propagation Delay
50
25
80
135
15
180
20
155
ns
CLR to On
tPZH
Output Enable Time
50
15
60
105
15
115
15
115
ns
OE to On
tPZL
Output Enable Time
50
20
65
110
15
120
15
120
ns
OE to On
tPHZ
Output Disable Time
50
15
65
110
15
135
15
120
ns
OE to On
tPLZ
Output Disable Time
50
15
60
105
15
120
15
115
ns
OE to On
Voltage Range 50 is 50V g05V
AC Operating Requirements
74ACT
54ACT
74ACT
TA ea25 C
TA eb55 CTA eb40 C
Symbol
Parameter
VCC
CL e 50 pF
to a125 Cto a85 C
Units
(V)
CL e 50 pF
CL e 50 pF
Typ
Guaranteed Minimum
ts
Setup Time HIGH or LOW
50
05
25
40
25
ns
DtoCP
th
Hold Time HIGH or LOW
50
0
25
30
25
ns
Dn to CP
ts
Setup Time HIGH or LOW
50
0
20
40
25
ns
EN to CP
th
Hold Time HIGH or LOW
50
0
10
30
10
ns
EN to CP
tw
CP Pulse Width
50
25
45
60
55
ns
HIGH or LOW
tw
CLR Pulse Width LOW
50
30
55
70
55
ns
trec
CLR to CP
50
15
35
45
40
ns
Recovery Time
Voltage Range 50 is 50V g05V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
45
pF
VCC e OPEN
CPD
Power Dissipation
44
pF
VCC e 50V
Capacitance
4


Similar Part No. - 54ACT823SDCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
54ACT823DMQB NSC-54ACT823DMQB Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
54ACT823FMQB NSC-54ACT823FMQB Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
54ACT823LMQB NSC-54ACT823LMQB Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
More results

Similar Description - 54ACT823SDCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ACT823 NSC-54ACT823 Datasheet
134Kb / 8P
   9-Bit D Flip-Flop
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F823SDM NSC-54F823SDM Datasheet
158Kb / 8P
   9-Bit D-Type Flip-Flop
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10E131 ONSEMI-MC10E131 Datasheet
104Kb / 4P
   4-BIT D FLIP-FLOP
1996 REV 3
logo
Micrel Semiconductor
SY10E131 MICREL-SY10E131_06 Datasheet
64Kb / 5P
   4-BIT D FLIP-FLOP
SY10E131 MICREL-SY10E131 Datasheet
74Kb / 4P
   4-BIT D FLIP-FLOP
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com