Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT373 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT373
Description  Octal Transparent Latch with TRI-STATE Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT373 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74ABT373 Datasheet HTML 1Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 2Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 3Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 4Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 5Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 6Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 7Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 8Page - National Semiconductor (TI) 74ABT373 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DC Electrical Characteristics (SOIC Package) (Continued)
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
CL e 50 pF RL e 500X
VOLP
Quiet Output Maximum Dynamic VOL
04
08
V
50
TA e 25 C (Note 1)
VOLV
Quiet Output Minimum Dynamic VOL
b
12
b
08
V
50
TA e 25 C (Note 1)
VOHV
Minimum High Level Dynamic Output Voltage
25
30
V
50
TA e 25 C (Note 3)
VIHD
Minimum High Level Dynamic Input Voltage
20
17
V
50
TA e 25 C (Note 2)
VILD
Maximum Low Level Dynamic Input Voltage
09
06
V
50
TA e 25 C (Note 2)
Note 1
Max number of outputs defined as (n) n b 1 data inputs are driven 0V to 3V One output at Low Guaranteed but not tested
Note 2
Max number of data inputs (n) switching n b 1 inputs switching 0V to 3V Input-under-test switching 3V to theshold (VILD) 0V to threshold (VIHD)
Guaranteed but not tested
Note 3
Max number of outputs defined as (n) n b 1 data inputs are driven 0V to 3V One output HIGH Guaranteed but not tested
AC Electrical Characteristics
Symbol
Parameter
74ABT
54ABT
74ABT
Units
TA ea25 CTA eb55 Cto a125 CTA eb40 Cto a85 C
VCC ea50V
VCC e 45V to 55V
VCC e 45V to 55V
CL e 50 pF
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
19
27
45
10
68
19
45
ns
tPHL
Dn to On
19
28
45
10
70
19
45
tPLH
Propagation Delay
20
31
50
10
77
20
50
ns
tPHL
LE to On
20
30
50
15
77
20
50
tPZH
Output Enable Time
15
31
53
10
67
15
53
ns
tPZL
15
31
53
15
72
15
53
tPHZ
Output Disable Time
20
36
54
17
80
20
54
ns
tPLZ
20
34
54
10
70
20
54
AC Operating Requirements
Symbol
Parameter
74ABT
54ABT
74ABT
Units
TA ea25 CTA eb55 Cto a125 CTA eb40 Cto a85 C
VCC ea50V
VCC e 45V to 55V
VCC e 45V to 55V
CL e 50 pF
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
ftoggle
Max Toggle
100
100
MHz
Frequency
ts(H)
Setup Time HIGH
15
25
15
ns
ts(L)
or LOW Dn to LE
15
25
15
th(H)
Hold Time HIGH
10
25
10
ns
th(L)
or LOW Dn to LE
10
25
10
tw(H)
Pulse Width
30
33
30
ns
LE HIGH
4


Similar Part No. - 74ABT373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373 Datasheet
133Kb / 11P
   Octal Transparent Latch with 3-STATE Outputs
74ABT373 FAIRCHILD-74ABT373 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
74ABT373A PHILIPS-74ABT373A Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373AD PHILIPS-74ABT373AD Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
74ABT373ADB PHILIPS-74ABT373ADB Datasheet
50Kb / 11P
   Octal transparent latch 3-State
1995 Feb 17
More results

Similar Description - 74ABT373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com