Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z86017 Datasheet(PDF) 73 Page - Zilog, Inc.

Part # Z86017
Description  PCMCIA Interface Solution
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86017 Datasheet(HTML) 73 Page - Zilog, Inc.

Back Button Z86017 Datasheet HTML 69Page - Zilog, Inc. Z86017 Datasheet HTML 70Page - Zilog, Inc. Z86017 Datasheet HTML 71Page - Zilog, Inc. Z86017 Datasheet HTML 72Page - Zilog, Inc. Z86017 Datasheet HTML 73Page - Zilog, Inc. Z86017 Datasheet HTML 74Page - Zilog, Inc. Z86017 Datasheet HTML 75Page - Zilog, Inc. Z86017 Datasheet HTML 76Page - Zilog, Inc. Z86017 Datasheet HTML 77Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 138 page
background image
Z86017/Z16017 PCMCIA Interface Solution
Product Specification
Programming Internal Registers
PS012002-1201
59
EEPROM Register
Address: SELECT 18h
Name: Window 3 Control Register
Type: Write/Read
Table 38.
Window 3 Control Register: Address 18h
Bit Placement
Bit Name
Description
Bit 0
DIS_PAC3
When set to 1, this bit disables Port 3 address control and
decoder.
Bit 1
EN_PAC3_MEM
When this bit is set to 1, Memory mode decoder is enabled.
When it is cleared, I/O mode decoder is enabled.
Bit 2
EN_PAC3_16+
When this bit is set, data swapping is provided internal to
the chip during data reads from the low byte of the ATA
bus to the PCMCIA bus high byte, and from the high byte
of the PCMCIA bus to the low byte of the ATA bus during
data writes. When this bit is cleared, it is high byte to high
byte and low byte to low byte.
Bit 3
READ_PROTECT
This bit allows two cards to be read from the same address.
When this bit is set, it prevents the PCMCIA bus from
becoming active.
Bit 4
EN_PAC3_ADDR_COMP
When this bit is set, use address compare logic; when it is
cleared, acknowledge all PCMCIA chip selects.
Bit 5
EN_PAC3_HCS
When this bit is set, HCS1 is used as an external chip
select; when it is cleared, HCS0 is used as an external chip
select.
Bits 7-6
Number of wait states (in Master Clock periods) inserted
on the PCMCIA bus.


Similar Part No. - Z86017

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8601 ZILOG-Z8601 Datasheet
636Kb / 17P
   Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
More results

Similar Description - Z86017

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM60801 OKI-MSM60801 Datasheet
1Mb / 27P
   PCMCIA Card Interface LSI
MSM60802 OKI-MSM60802 Datasheet
2Mb / 39P
   PCMCIA Host Interface Controller
logo
Bel Fuse Inc.
APC48301 BEL-APC48301 Datasheet
71Kb / 1P
   PCMCIA S Interface Module
logo
PCA ELECTRONICS INC.
EPE6379SE PCA-EPE6379SE Datasheet
22Kb / 1P
   10Base-T Interface PCMCIA Module
logo
Vishay Siliconix
SI9706DY VISHAY-SI9706DY Datasheet
46Kb / 4P
   PC Card (PCMCIA) Interface Switch
Rev. G, 16-Feb-04
logo
PCA ELECTRONICS INC.
EPE6358S PCA-EPE6358S Datasheet
179Kb / 1P
   10Base-T PCMCIA Interface Module
EPE6172AS-M PCA-EPE6172AS-M Datasheet
23Kb / 1P
   10Base-T PCMCIA Interface Module
logo
Vishay Siliconix
SI9711CY VISHAY-SI9711CY Datasheet
189Kb / 6P
   PC Card (PCMCIA) Interface Switch
Rev. F, 05-Apr-99
logo
PCA ELECTRONICS INC.
EPE6379S PCA-EPE6379S Datasheet
21Kb / 1P
   10Base-T Interface PCMCIA Module
logo
Vishay Siliconix
SI9711 VISHAY-SI9711 Datasheet
81Kb / 7P
   PC Card (PCMCIA) Interface Switch
Rev. G, 19-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com