Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z02215 Datasheet(PDF) 54 Page - Zilog, Inc.

Part # Z02215
Description  Single Chip Modem with Integrated Controller, Data Pump, and Analog Front End
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z02215 Datasheet(HTML) 54 Page - Zilog, Inc.

Back Button Z02215 Datasheet HTML 50Page - Zilog, Inc. Z02215 Datasheet HTML 51Page - Zilog, Inc. Z02215 Datasheet HTML 52Page - Zilog, Inc. Z02215 Datasheet HTML 53Page - Zilog, Inc. Z02215 Datasheet HTML 54Page - Zilog, Inc. Z02215 Datasheet HTML 55Page - Zilog, Inc. Z02215 Datasheet HTML 56Page - Zilog, Inc. Z02215 Datasheet HTML 57Page - Zilog, Inc. Z02215 Datasheet HTML 58Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 74 page
background image
Z02215
Single Chip Modem with Integrated Controller, Data Pump, and AFE
PS001907-0904
Transmitted Data Spectrum
48
Transmitted Data Spectrum
The transmitted data spectrum, with compromised equalization disabled, is
shaped in the baseband of the Finite Impulse Response (FIR) filter. Table 10
reflects the spectrum characteristics.
Active Hybrid Circuit and Relay Driver
An active hybrid circuit is added to the Analog Front End (AFE) of the Z02215 to
improve the received signal quality level by 20dB and to improve the modem per-
formance. The on-chip active hybrid reduces system level costs by reducing the
Table 9. Selectable Configurations
Configuration
Modulation1,2
Carrier
Frequency
Data Rate
(bps)
Symbol
Rate
(baud)
Bits
Per
Symbol
Constellation
Points
V.22 bis 2400
QAM
1200/2400
2400
600
4
16
V.22 bis 1200
DPSK
1200/2400
1200
600
2
4
V.22 1200
DPSK
1200/2400
1200
600
2
4
V.23 1200/75
FSK
1700/420
1200/75
1200/75
1
V.21
FSK
1080/1750
300
300
1
Bell 212A
DPSK
1200/2400
1200
600
2
4
Bell 103
FSK
1170/2125
300
300
1
Bell 202/ Bell
202T 1200/150
FSK
1700/437
1200/150
1200/150 1
Notes:
1. QAM is Quadrature Amplitude Modulation FSK is Frequency Shift Key
2. Tone is Single or Dual Tone (DTMF), TM is Trellis Modulation, DPSK is Dual Phase Shift Keying
Table 10. Spectral Shaping
Mode
Carrier Freq
Spectral Power Shaping Function
V.22
1200/2400
square root 75% Raised Cosine at 600 baud
V.22bis
1200/2400
square root 75% Raised Cosine at 600 baud
Bell 212A
1200/2400
square root 75% Raised Cosine at 600 baud
Note: The carrier and the spectral shaping are selected automatically according to the Configuration.


Similar Part No. - Z02215

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z02215ZCO ZILOG-Z02215ZCO Datasheet
66Kb / 6P
   Z02215 MODEM EVALUATION KIT
More results

Similar Description - Z02215

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
459Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com