Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR16300 Datasheet(PDF) 61 Page - Zilog, Inc.

Part # ZLR16300
Description  Z8 Low Voltage ROM MCUs with Infrared Timers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR16300 Datasheet(HTML) 61 Page - Zilog, Inc.

Back Button ZLR16300 Datasheet HTML 57Page - Zilog, Inc. ZLR16300 Datasheet HTML 58Page - Zilog, Inc. ZLR16300 Datasheet HTML 59Page - Zilog, Inc. ZLR16300 Datasheet HTML 60Page - Zilog, Inc. ZLR16300 Datasheet HTML 61Page - Zilog, Inc. ZLR16300 Datasheet HTML 62Page - Zilog, Inc. ZLR16300 Datasheet HTML 63Page - Zilog, Inc. ZLR16300 Datasheet HTML 64Page - Zilog, Inc. ZLR16300 Datasheet HTML 65Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 94 page
background image
CrimzonTMZLR16300
Product Specification
PS021413-1205
Functional Description
54
Any Port 2 bit defined as an output drives the corresponding
input to the default state. This condition allows the remaining
inputs to control the AND/OR function. Refer to SMR2 register
on page 55 for other recover sources.
Stop Mode Recovery Delay Select (D5)
This bit, if Low, disables the TPOR delay after Stop Mode Recovery. The default
configuration of this bit is 1. If the “fast” wake up is selected, the Stop Mode
Recovery source must be kept active for at least 10 TpC.
This bit must be set to 1 if using a crystal or resonator clock
source. The TPOR delay allows the clock source to stabilize
before executing instructions.
Stop Mode Recovery Edge Select (D6)
A 1 in this bit position indicates that a High level on any one of the recovery
sources wakes the CrimzonTM ZLR16300 from Stop Mode. A 0 indicates Low
level recovery. The default is 0 on POR.
Cold or Warm Start (D7)
This bit is read only. It is set to 1 when the device is recovered from Stop Mode.
The bit is set to 0 when the device reset is other than Stop Mode Recovery (SMR).
Table 18. Stop Mode Recovery Source
SMR:432
Operation
D4
D3
D2
Description of Action
0
0
0
POR and/or external reset recovery
00
1Reserved
01
0P31 transition
01
1P32 transition
10
0P33 transition
10
1P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27
Note:
Note:


Similar Part No. - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2001G MAXIM-ZLR16300H2001G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2002G MAXIM-ZLR16300H2002G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2004G MAXIM-ZLR16300H2004G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2008G MAXIM-ZLR16300H2008G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
More results

Similar Description - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com