Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLR16300 Datasheet(PDF) 40 Page - Zilog, Inc.

Part # ZLR16300
Description  Z8 Low Voltage ROM MCUs with Infrared Timers
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLR16300 Datasheet(HTML) 40 Page - Zilog, Inc.

Back Button ZLR16300 Datasheet HTML 36Page - Zilog, Inc. ZLR16300 Datasheet HTML 37Page - Zilog, Inc. ZLR16300 Datasheet HTML 38Page - Zilog, Inc. ZLR16300 Datasheet HTML 39Page - Zilog, Inc. ZLR16300 Datasheet HTML 40Page - Zilog, Inc. ZLR16300 Datasheet HTML 41Page - Zilog, Inc. ZLR16300 Datasheet HTML 42Page - Zilog, Inc. ZLR16300 Datasheet HTML 43Page - Zilog, Inc. ZLR16300 Datasheet HTML 44Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 94 page
background image
CrimzonTMZLR16300
Product Specification
PS021413-1205
Functional Description
33
In Demodulation Mode, when set to 0, T16 captures and reloads on detection of
all the edges. When set to 1, T16 captures and detects on the first edge but
ignores the subsequent edges. For details, see the description of T16 Demodula-
tion Mode on page 41.
Time_Out
This bit is set when T16 times out (terminal count reached). To reset the bit, write
a 1 to this location.
T16_Clock
This bit defines the frequency of the input signal to Counter/Timer16.
Capture_INT_Mask
This bit is set to allow an interrupt when data is captured into LO16 and HI16.
Counter_INT_Mask
Set this bit to allow an interrupt when T16 times out.
P35_Out
This bit defines whether P35 is used as a normal output pin or T16 output.
CTR3 T8/T16 Control Register—CTR3(0D)03h
Table 14 lists and briefly describes the fields for this register. This register allow
the T8 and T16 counters to be synchronized.
Table 14. CTR3(0D)03h T8/T16 Control Register
T16_Enable
7-------
R
R
W
W
0*
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
T8 Enable
-6------
R/W
0**
1
0
1
Counter Disabled
Counter Enabled
Stop Counter
Enable Counter
Sync Mode
--5-----
R/W
0*
1
Disable Sync Mode
Enable Sync Mode
Reserved
---43210
R/W
1
x
Always reads 11111
No Effect
* Indicates the value upon Power-On Reset.
*** Indicates the value upon Power-On Reset. Not reset with a Stop Mode recovery.


Similar Part No. - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2001G MAXIM-ZLR16300H2001G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2002G MAXIM-ZLR16300H2002G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2004G MAXIM-ZLR16300H2004G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
ZLR16300H2008G MAXIM-ZLR16300H2008G Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
More results

Similar Description - ZLR16300

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ZLR16300 MAXIM-ZLR16300 Datasheet
590Kb / 92P
   Low-Voltage ROM MCUs with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
ZLR32300 ZILOG-ZLR32300 Datasheet
1Mb / 98P
   Z8 Low-Voltage ROM MCU with Infrared Timers
logo
Maxim Integrated Produc...
ZLR32300 MAXIM-ZLR32300 Datasheet
618Kb / 103P
   Low-Voltage ROM MCU with Infrared Timers
Rev 0; 5/09
logo
Zilog, Inc.
Z86C21 ZILOG-Z86C21 Datasheet
413Kb / 35P
   8K ROM Z8 CMOS MICROCONTROLLER
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
   CMOS Z8 16K ROM Microcontroller
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
   CMOS Z8 32K ROM MICROCONTROLLER
logo
STMicroelectronics
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
   LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com