Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX5331 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products MAX5331 Datasheet HTML 10Page - Maxim Integrated Products MAX5331 Datasheet HTML 11Page - Maxim Integrated Products MAX5331 Datasheet HTML 12Page - Maxim Integrated Products MAX5331 Datasheet HTML 13Page - Maxim Integrated Products MAX5331 Datasheet HTML 14Page - Maxim Integrated Products MAX5331 Datasheet HTML 15Page - Maxim Integrated Products MAX5331 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
14
______________________________________________________________________________________
Figure 7. Typical Operating Circuit
CS
DIN
SCLK
IMMED
CLKSEL
REF
GS
RST
ECLK
VLOGIC
VLDAC
VLSHA
0.1
µF
+5V
0.1
µF
+10V
VDD
MAX5331
MAX5332
MAX5333
OUT31
OUT0
OUT1
DGND
AGND
0.1
µF
VSS
CL
+2.5V
-4V
Pin Configurations (continued)
58
59
60
61
62
54
55
56
57
63
THIN QFN
TOP VIEW
52
53
64
65
66
67
23
22
21
20
19
27
26
25
24
18
29
28
32
33
31
30
MAX5331
MAX5332
MAX5333
OUT0
VREF
AGND
OUT31
OUT30
OUT29
OUT28
OUT27
OUT26
AGND
OUT25
OUT24
OUT23
OUT22
OUT21
CL
CL
OUT2
OUT1
OUT4
OUT3
AGND
OUT5
OUT7
OUT6
OUT9
OUT8
CH
OUT10
VSS
34 N.C.
CH
68
N.C.
VDD


Similar Part No. - MAX5331

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX533ACEE MAXIM-MAX533ACEE Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX533ACPE MAXIM-MAX533ACPE Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX533AEEE MAXIM-MAX533AEEE Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
MAX533AEPE MAXIM-MAX533AEPE Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
More results

Similar Description - MAX5331

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX5631 MAXIM-MAX5631 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5631 MAXIM-MAX5631_06 Datasheet
690Kb / 16P
   16-Bit DACs with 32-Channel Sample-and-Hold Outputs
Rev 3; 1/05
MAX5621 MAXIM-MAX5621_06 Datasheet
363Kb / 16P
   16-Bit DACs with 16-Channel Sample-and-Hold Outputs
Rev 2; 1/06
Analog Devices
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. 0
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
   32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B Datasheet
353Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
   32-Channel Precision Infinite Sample-and-Hold
REV. A
AD5532B AD-AD5532B Datasheet
443Kb / 16P
   32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
REV. A
List of Unclassifed Manufacturers
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
Intersil Corporation
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
   Sample and Hold
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz