Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR01D214-P2 Datasheet(PDF) 4 Page - International Rectifier

Part # IR01D214-P2
Description  HIGH VOLTAGE HALF BRIDGE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR01D214-P2 Datasheet(HTML) 4 Page - International Rectifier

  IR01D214-P2 Datasheet HTML 1Page - International Rectifier IR01D214-P2 Datasheet HTML 2Page - International Rectifier IR01D214-P2 Datasheet HTML 3Page - International Rectifier IR01D214-P2 Datasheet HTML 4Page - International Rectifier IR01D214-P2 Datasheet HTML 5Page - International Rectifier IR01D214-P2 Datasheet HTML 6Page - International Rectifier IR01D214-P2 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
IR01H(D)214 / IR01H(D)214-P2
IR01H(D)224 / IR01H(D)224-P2
IR01H(D)420 / IR01H(D)420-P2
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. Switching time waveform definitions are shown in
figure 2.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay (see note 2)
130
200
Vs = 0V
toff
Turn-Off Propagation Delay (see note 2)
90
200
Vs = 500V
tr
Turn-On Rise Time (see note 2)
80
120
ns
tf
Turn-Off Fall Time (see note 2)
40
70
MT
Delay Matching, HS & LS Turn-On/Off
30
trr
Reverse Recovery Time (MOSFET Body Diode)
260
IF = 0.7A
Qrr
Reverse Recovery Charge (MOSFET Body Diode)
0.7
µC
di/dt
= 100 A/us
Note 2: Switching times as specified and illustrated in figure 2 are referenced to the MOSFET gate input
voltage. This is shown as HO in figure 2.
Static Electrical Characteristics
VBIAS (VCC, VB) = 15V and TA = 25°C unless otherwise specified. The Input voltage and current levels are referenced to
COM.
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VCCUV+
VCC Supply Undervoltage Positive Going
8.8
9.3
9.8
V
Threshold
VCCUV-
VCC Supply Undervoltage Negative Going
7.5
8.2
8.6
V
Threshold
IQCC
Quiescent VCC Supply Current
140
240
µA
IQBS
Quiescent VBS Supply Current
20
50
µA
Ios
Offset Supply Leakage Current
50
µA
VB = VS = 500V
VIH
Logic “1” Input Voltage
2.7
V
VCC = 10V to 20V
VIL
Logic “0” Input Voltage
0.8
V
VCC = 10V to 20V
IIN+
Logic “1” Input Bias Current
20
40
IIN-
Logic “0” Input Bias Current
1.0
Rds(on)
Static Drain-to-Source On-Resistance
214
2.0
Id=850mA/TJ=150
o
C
224
1.1
Id=1.1A/TJ=150
o
C
420
3.0
Id=700mA/TJ=150
o
C
VSD
Diode Forward Voltage
214/420
0.8
V
Id=700mA/TJ=150
o
C
224
0.85
Id=1.1A/TJ=150
o
C
V
V
V
CC = 10V to 20V
µA


Similar Part No. - IR01D214-P2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IR02ER100K VISHAY-IR02ER100K Datasheet
175Kb / 4P
   Inductors Epoxy Conformal Coated Uniform Roll Coated
Revision: 31-Jan-06
logo
International Rectifier
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
New Jersey Semi-Conduct...
IR03909 NJSEMI-IR03909 Datasheet
89Kb / 1P
   Rectifiers Fast Recovery
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
More results

Similar Description - IR01D214-P2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
   HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
   HIGH VOLTAGE HALF-BRIDGE
logo
Mitsubishi Electric Sem...
M81702FP MITSUBISHI-M81702FP Datasheet
49Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81700FP MITSUBISHI-M81700FP Datasheet
50Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
logo
STMicroelectronics
L6384 STMICROELECTRONICS-L6384 Datasheet
78Kb / 10P
   HIGH-VOLTAGE HALF BRIDGE DRIVER
logo
Mitsubishi Electric Sem...
M81703FP MITSUBISHI-M81703FP Datasheet
46Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
   HIGH VOLTAGE HALF BRIDGE DRIVER
M81736FP MITSUBISHI-M81736FP Datasheet
618Kb / 7P
   HIGH VOLTAGE HALF BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com