Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RIC7113L4 Datasheet(PDF) 5 Page - International Rectifier

Part No. RIC7113L4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

RIC7113L4 Datasheet(HTML) 5 Page - International Rectifier

  RIC7113L4 Datasheet HTML 1Page - International Rectifier RIC7113L4 Datasheet HTML 2Page - International Rectifier RIC7113L4 Datasheet HTML 3Page - International Rectifier RIC7113L4 Datasheet HTML 4Page - International Rectifier RIC7113L4 Datasheet HTML 5Page - International Rectifier RIC7113L4 Datasheet HTML 6Page - International Rectifier RIC7113L4 Datasheet HTML 7Page - International Rectifier RIC7113L4 Datasheet HTML 8Page - International Rectifier RIC7113L4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RIC7113L4
www.irf.com
5
Radiation characteristics
International Rectifier radiation hardened Gate Drivers have been characterized in heavy ion environment
for Single Event Effects (SEE). Single Event Effects characterization data is illustrated below. For Static Bias
Test Conditions refer to figure 8.
Single Event Effect Safe Operating Area
Ion
LET
Energy
Angle
V
S
(V)
MeV/(mg/cm2))
(MeV)
(degrees)
@V
BS
=-10V
@V
BS
=-15V
@V
BS
=-17.5V
Br
37
284
0
400
400
400
I
60
344
0
325
250
200
Au
82
346
0
250
200
175
I
85
344
45
400
400
350
Au
100
346
35
400
400
350
Note: VCC/VDD = 20V, except for LET=100, then VCC/VDD = 17.5V
Single Event Effect, Safe Operating Area
STATIC BIAS
0
50
100
150
200
250
300
350
400
450
-10
-15
-17.5
VB (V)
Br, 0° angle
I, 0° angle
Au, 0° angle
I, 45° angle
Au, 35° angle


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RIC7113A4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
RIC7113E4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LM5100High Voltage High Side and Low Side Gate Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
IR2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110E4HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
TP2150BDUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1 2 3 4 5 MoreTripath Technology Inc.
IR21313 HIGH SIDE AND 3 LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2112HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn