Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RIC7113L4 Datasheet(PDF) 4 Page - International Rectifier

Part No. RIC7113L4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

RIC7113L4 Datasheet(HTML) 4 Page - International Rectifier

  RIC7113L4 Datasheet HTML 1Page - International Rectifier RIC7113L4 Datasheet HTML 2Page - International Rectifier RIC7113L4 Datasheet HTML 3Page - International Rectifier RIC7113L4 Datasheet HTML 4Page - International Rectifier RIC7113L4 Datasheet HTML 5Page - International Rectifier RIC7113L4 Datasheet HTML 6Page - International Rectifier RIC7113L4 Datasheet HTML 7Page - International Rectifier RIC7113L4 Datasheet HTML 8Page - International Rectifier RIC7113L4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com
RIC7113L4
Radiation characteristics
Radiation Performance
International Rectifier Radiation Hardened gate drivers are tested to verify their hardness capability. The
hardness assurance program at International rectifier uses a Cobalt-60 (60 Co) source and heavy ion
irradiation.
Every wafer shall be tested per MIL-STD-883, Method 1019, test condition A “Ionizing Radiation
(Total Dose) Test Procedure”.
Both pre- and post- irradiation performances are tested and specified using the same drive circuitry and test
conditions to provide a direct comparison.
For Static Irradiation Test Conditions refer to figure 7.
Static Electrical Characteristics
Tj = 25°C
Symbol
Parameter
100K Rads (Si)
Units
Test Conditions
Min
Max
V
IH
Logic “1” Input Voltage
3.1
VDD = 5V
6.4
VDD = 10V
9.5
VDD = 15V
12.5
VDD = 20V
V
IL
Logic “0” Input Voltage
1.8
VDD = 5V
3.8
VDD = 10V
6.0
VDD = 15V
8.3
VDD = 20V
VOH
High Level Output Voltage, VBIAS - VO
1.2
VIN =VIH, IO = 0A
VOL
Low Level Output Voltage, VO
0.1
VIN =VIH, IO = 0A
ILK
Offset Supply Leakage Current
50
VB =VS = 400A
IQBS
Quiescent VBS Supply Current
230
VIN =0V or VDD
IQCC
Quiescent VCC Supply Current
340
VIN =0V or VDD
IQDD
Quiescent VDD Supply Current
30
VIN =0V or VDD
IIN+
Logic “1” Input Bias Current
40
VIN =VDD
IIN-
Logic “0” Input Bias Current
1.0
VIN =0V
VBSUV+
VBS Supply Undervoltage Positive
7.5
9.7
Going Threshold
VBSUV-
VBS Supply Undervoltage Negative
7.0
9.4
Going Threshold
VCCUV+
VCC Supply Undervoltage Positive
7.4
9.6
Going Threshold
VCCUV-
VCC Supply Undervoltage Negative
7.0
9.4
Going Threshold
IO+
Output High Short Circuit Pulsed
2.0
VO =0V, VIN =VDD
Current
PW £ 10 µs
IO-
Output Low Short Circuit Pulsed
2.0
VO =15V, VIN =0V
Current
PW £ 10 µs
µA
V
V
A
V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RIC7113A4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
RIC7113E4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LM5100High Voltage High Side and Low Side Gate Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
IR2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110E4HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
TP2150BDUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1 2 3 4 5 MoreTripath Technology Inc.
IR21313 HIGH SIDE AND 3 LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2112HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn