Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RIC7113L4 Datasheet(PDF) 2 Page - International Rectifier

Part No. RIC7113L4
Description  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo IRF - International Rectifier

RIC7113L4 Datasheet(HTML) 2 Page - International Rectifier

  RIC7113L4 Datasheet HTML 1Page - International Rectifier RIC7113L4 Datasheet HTML 2Page - International Rectifier RIC7113L4 Datasheet HTML 3Page - International Rectifier RIC7113L4 Datasheet HTML 4Page - International Rectifier RIC7113L4 Datasheet HTML 5Page - International Rectifier RIC7113L4 Datasheet HTML 6Page - International Rectifier RIC7113L4 Datasheet HTML 7Page - International Rectifier RIC7113L4 Datasheet HTML 8Page - International Rectifier RIC7113L4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com
RIC7113L4
Tj = 25°C
Tj =
-55 to 125°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Max.
Units
Test Conditions
ton
Turn-On Propagation Delay
120
150
260
VS = 0V
t off
Turn-Off Propagation Delay
100
125
220
VS = 400V
tsd
Shutdown Propagation Delay
110
140
235
VS = 400V
tr
Turn-On Rise Time
25
35
50
CL = 1000pf
t f
Turn-Off Fall Time
17
25
40
CL = 1000pf
MT
Delay Matching, HS & LS Turn-On/Off
5
20
|Hton-Lton|or|Htoff-Ltoff|
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. The VS and VSS offset ratings are tested
with all supplies biased at 15V differential.
Symbol
Parameter
Min.
Max.
Units
VB
High Side Floating Supply Absolute Voltage
VS + 10
VS + 20
VS
High Side Floating Supply Offset Voltage
-4
400
VHO
High Side Floating Output Voltage
VS
VB
VCC
Low Side Fixed Supply Voltage
10
20
V
VLO
Low Side Output Voltage
0
VCC
VDD
Logic Supply Voltage
VSS + 5
VSS + 20
VSS
Logic Supply Offset Voltage
-5
5
VIN
Logic Input Voltage (HIN, LIN & SD)
VSS
VDD
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, and VSS = COM unless otherwise specified. The dynamic electrical
characteristics are measured using the test circuit shown in Figure 3.
Typical Connection
Pre-Irradiation
HIN
up to 500V
TO
LOAD
V
DD
V
B
V
S
HO
LO
COM
HIN
LIN
V
SS
SD
V
CC
LIN
V
DD
SD
V
SS
V
CC
4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RIC7113A4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
RIC7113E4RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER 1 2 3 4 5 MoreInternational Rectifier
LM5100High Voltage High Side and Low Side Gate Driver 1 2 3 4 5 MoreNational Semiconductor (TI)
IR2113HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110E4HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
TP2150BDUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER 1 2 3 4 5 MoreTripath Technology Inc.
IR21313 HIGH SIDE AND 3 LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
IR2110HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreInternational Rectifier
MPIC2112HIGH AND LOW SIDE DRIVER 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn