Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7190 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN7190
Description  Dual 20 W BTL power amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7190 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN7190 Datasheet HTML 1Page - Panasonic Semiconductor AN7190 Datasheet HTML 2Page - Panasonic Semiconductor AN7190 Datasheet HTML 3Page - Panasonic Semiconductor AN7190 Datasheet HTML 4Page - Panasonic Semiconductor AN7190 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AN7190NK, AN7190NZ
ICs for Audio Common Use
2
s Pin Descriptions
s Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage *
2
VCC
25
V
Peak supply voltage *
3
Vsurge
80
V
Supply current
ICC
9.0
A
Power dissipation *
4
PD
AN7190NK
32.5
W
AN7190NZ
59
Operating ambient temperature *
1
Topr
− 30 to + 85
°C
Storage temperature *
1
Tstg
− 55 to + 150
°C
Note) *1: Ta = 25°C except operating ambient temperature and storage temperature.
*2 : Without signal
*3 : Time = 0.2 s
*4: Ta = 85°C
s Block Diagram
Pin No.
Description
1
Power supply
2
Ch.1 output (
+)
3
Grounding (output ch.1)
4
Ch.1 output (
−)
5
Standby
6
Ch.1 input
7
Muting
8
Grounding (sub)
Pin No.
Description
9
Grounding (input)
10
Beep sound input
11
Ch.2 input
12
Ripple filter
13
Ch.2 output (
−)
14
Grounding (output ch.2)
15
Ch.2 output (
+)
Ref.
Protection cct.
Att.con.
Att.
Att.
Att.
Att.
3
4
2
14
13
15
Ch.1 GND
Ch.2 GND
Ch.1 out (
−)
Ch.1 out (
+)
Ch.2 out (
−)
Ch.2 out (
+)


Similar Part No. - AN7190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7190

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com