Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9040J13 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HEDS-9040J13
Description  Three Channel Optical Incremental Encoder Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9040J13 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HEDS-9040J13 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HEDS-9040J13 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Mounting with Aligning
Pins
The HEDS-9040 and HEDS-9140
can also be mounted using
aligning pins on the motor base.
(Agilent does not provide aligning
pins.) For this configuration, Side
A must be used as the mounting
plane. The aligning recess centers
must be located within the 0.005
in. Radius Tolerance Circle as
explained in "Mounting
Considerations." Figure 5 shows
the necessary dimensions.
Figure 5. Mounting Plane Side A.
NOTE 1: THESE DIMENSIONS INCLUDE SHAFT END PLAY AND CODEWHEEL WARP.
NOTE 2: RECOMMENDED MOUNTING SCREW TORQUE IS 4 KG-CM [3.5 IN-LBS).
*FOR HEDS-9040 OPTION T: 3.99 (0.150).
*
26.67
(1.050)
MAX.
18.0
(0.71)
130°
TYPICAL
INDEX PULSE
POSITION
INDEX PULSE
REFERENCE
MARKER
50.6 (1.99)
DIA. MAX.
SET
SCREW
8.99
(0.354)
MAX.
0.20
(0.006)
MAX.
19.0 (0.747)
CODEWHEEL
BOSS
ROP = 23.36 mm (0.920 in.)
DIMENSIONS IN MM (INCHES)
#2-56 SETSCREW
USE 0.035" HEX WRENCH
0.18
(0.007)
2-56 SETSCREW
USE 0.035" HEX WRENCH
8.43
(0.332)
22.50
(0.886)
MAX.
ARTWORK SIDE
(HEDM-6140)
ARTWORK SIDE
(HEDM-6141)
DIA.
MAX.
50.48
(1.987)
DIMENSIONS IN mm (INCHES)
36.32
(1.430)
130°
TYPICAL
INDEX PULSE
POSITION
SETSCREW
Figure 7. HEDS-5140 Codewheel Used with HEDS-9140.
130°
TYPICAL
INDEX PULSE
POSITION
INDEX PULSE
REFERENCE
MARKER
25.7 (1.01)
DIA. MAX.
ROP = 11.00 mm (0.433 in.)
DIMENSIONS IN MM (INCHES)
Figure 6a. HEDS-6140 Codewheel Used with HEDS-9040.
Figure 6b. HEDM-614X Series Codewheel used with HEDS-9040 #T00.


Similar Part No. - HEDS-9040J13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Similar Description - HEDS-9040J13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com