Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9041B09 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HEDS-9041B09
Description  Three Channel Optical Incremental Encoder Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9041B09 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HEDS-9041B09 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9041B09 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
wheel. These detectors are also
spaced such that a light period on
one pair of detectors corresponds
to a dark period on the adjacent
pair of detectors. The photodiode
outputs are then fed through the
signal processing circuitry
resulting in A, A, B, B, I and I.
Comparators receive these signals
and produce the final outputs for
channels A and B. Due to this
integrated phasing technique, the
digital output of channel A is in
quadrature with that of channel B
(90 degrees out of phase).
The output of the comparator for
I and I is sent to the index
processing circuitry along with
the outputs of channels A and B.
The final output of channel I is an
index pulse PO which is generated
once for each full rotation of the
codewheel. This output PO is a
one state width (nominally 90
electrical degrees), high true
index pulse which is coincident
with the low states of channels A
and B.
Block Diagram
Theory of Operation
The HEDS-9040 and 9140 are
emitter/detector modules.
Coupled with a codewheel, these
modules translate the rotary
motion of a shaft into a three-
channel digital output.
As seen in the block diagram, the
modules contain a single Light
Emitting Diode (LED) as its light
source. The light is collimated
into a parallel beam by means of a
single polycarbonate lens located
directly over the LED. Opposite
the emitter is the integrated
detector circuit. This IC consists
of multiple sets of photodetectors
and the signal processing
circuitry necessary to produce the
digital waveforms.
The codewheel rotates between
the emitter and detector, causing
the light beam to be interrupted
by the pattern of spaces and bars
on the codewheel. The photo-
diodes which detect these
interruptions are arranged in a
pattern that corresponds to the
radius and design of the code-
The HEDS-9040 and 9140 have
two channel quadrature outputs
plus a third channel index output.
This index output is a 90
electrical degree high true index
pulse which is generated once for
each full rotation of the
codewheel.
The HEDS-9040 is designed for
use with a HEDX-614X codewheel
which has an optical radius of
23.36 mm (0.920 inch). The
HEDS-9140 is designed for use
with a HEDS-5140 codewheel
which has an optical radius of
11.00 mm (0.433 inch).
The quadrature signals and the
index pulse are accessed through
five 0.025 inch square pins
located on 0.1 inch centers.
Standard resolutions between 256
and 2000 counts per revolution
are available. Consult local
Agilent sales representatives for
other resolutions.
Applications
The HEDS-9040 and 9140
provide sophisticated motion
control detection at a low cost,
making them ideal for high
volume applications. Typical
applications include printers,
plotters, tape drives, and
industrial and factory automation
equipment.
Note: Agilent Technologies
encoders are not recommended
for use in safety critical
applications. Eg. ABS braking
systems, power steering, life
support systems and critical
care medical equipment. Please
contact sales representative if
more clarification is needed.


Similar Part No. - HEDS-9041B09

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Similar Description - HEDS-9041B09

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com