Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TT2202 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # TT2202
Description  NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TT2202 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  TT2202 Datasheet HTML 1Page - Sanyo Semicon Device TT2202 Datasheet HTML 2Page - Sanyo Semicon Device TT2202 Datasheet HTML 3Page - Sanyo Semicon Device TT2202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TT2202
No.8036-1/4
Features
High speed.
High breakdown voltage (VCBO=1500V).
High reliability (Adoption of HVP process).
Adoption of MBIT process.
On-chip damper diode.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
10
A
Collector Current (Pulse)
ICP
25
A
Collector Dissipation
PC
3.0
W
Tc=25
°C80
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0
10
µA
ICES
VCE=1500V, RBE=0
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
40
130
mA
DC Current Gain
hFE1VCE=5V, IC=1A
15
hFE2VCE=5V, IC=8A
5
8
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=7.2A, IB=1.44A
3
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=7.2A, IB=1.44A
1.5
V
Diode Forward Voltage
VF
IEC=8A
2
V
Fall Time
tf
IC=5A, IB1=1A, IB2=--2A
0.3
µs
21405KD TS IM TB-00000508
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
TT2202
NPN Triple Diffused Planar Silicon Transistor
Color TV Horizontal Deflection
Output Applications
Ordering number : ENN8036


Similar Part No. - TT2202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TT2202 ETC2-TT2202 Datasheet
7Mb / 4P
   TEMCo Control Transformer
More results

Similar Description - TT2202

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1886C SANYO-2SD1886C Datasheet
56Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2234 SANYO-TT2234 Datasheet
38Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2140LS SANYO-TT2140LS Datasheet
40Kb / 4P
   COLOR TV HORIZONTAL DEFLECTION OUTPUT APPLICATIONS(NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR)
2SC6117 SANYO-2SC6117 Datasheet
53Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
TT2218LS SANYO-TT2218LS Datasheet
35Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6118LS SANYO-2SC6118LS Datasheet
52Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6092LS SANYO-2SC6092LS Datasheet
55Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
2SC6093LS SANYO-2SC6093LS Datasheet
48Kb / 4P
   NPN Triple Diffused Planar Silicon Transistor Color TV Horizontal Deflection Output Applications
logo
Wing Shing Computer Com...
2SD1431 WINGS-2SD1431 Datasheet
28Kb / 1P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
2SD1546 WINGS-2SD1546 Datasheet
31Kb / 1P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com