Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGP19N35CL Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MGP19N35CL
Description  Ignition IGBT 19 Amps, 350 Volts N−Channel TO−220 and D-2PAK
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MGP19N35CL Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MGP19N35CL, MGB19N35CL
http://onsemi.com
5
20
10
25
5
15
0
30
TEMPERATURE (°C)
L = 2.0 mH
−50
50
75
25
0
100
−25
125 150 175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 3.0 mH
L = 6.0 mH
0
20
6
4
2
0
30
INDUCTOR (mH)
5
10
15
25
810
T = 25°C
T = 150°C
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
10
0
IC, COLLECTOR CURRENT (AMPS)
Figure 7. Switching Speed vs. Case
Temperature
Figure 8. Switching Speed vs. Collector
Current
Figure 9. Minimum Open Secondary Latch
Current vs. Inductor
Figure 10. Minimum Open Secondary Latch
Current vs. Temperature
Figure 11. Typical Open Secondary Latch vs.
Inductor
INDUCTOR (mH)
Figure 12. Typical Open Secondary Latch vs.
Temperature
TEMPERATURE (°C)
14
TC, CASE TEMPERATURE (°C)
4
6
8
12
06
8
410
212
14
16
04
5
3
26
19
10
2
−50
50
75
25
0
100
−25
125
150
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
IC = 10 A
L = 300 µH
10
0
14
4
6
8
12
2
20
0
30
5
10
15
25
78
T = 25°C
T = 150°C
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 2.0 mH
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 3.0 mH
L = 6.0 mH
−50
50
75
25
0
100
−25
125 150 175
20
0
30
5
10
15
25
td(off)
tf
td(off)
tf
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
TJ = 150°C
L = 300 µH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn