Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEDS-9041J06 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HEDS-9041J06
Description  Three Channel Optical Incremental Encoder Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-9041J06 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HEDS-9041J06 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HEDS-9041J06 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Electrical Interface
To insure reliable encoding
performance, the HEDS-9040 and
9140 three channel encoder
modules require 2.7 k
Ω (± 10%)
pull-up resistors on output pins 2,
3, and 5 (Channels I, A and B) as
shown in Figure 1. These pull-up
resistors should be located as
close to the encoder module as
possible (within 4 feet). Each of
the three encoder module outputs
can drive a single TTL load in this
configuration.
Figure 1. Pull-up Resistors on HEDS-9X40 Encoder Module Outputs.
Mounting Considerations
Figure 2 shows a mounting
tolerance requirement for proper
operation of the HEDS-9040 and
HEDS-9140. The Aligning Recess
Centers must be located within a
tolerance circle of 0.005 in.
radius from the nominal locations.
This tolerance must be
maintained whether the module is
mounted with side A as the
mounting plane using aligning
pins (see Figure 5), or mounted
with Side B as the mounting plane
using an alignment tool (see
Figures 3 and 4).
Figure 2. HEDS-9X40 Mounting Tolerance.


Similar Part No. - HEDS-9041J06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Similar Description - HEDS-9041J06

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com