Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28435OXCT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28435OXCT
Description  Clock Generator for Intel Grantsdale Chipset
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28435OXCT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28435OXCT Datasheet HTML 6Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 7Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 8Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 9Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 10Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 11Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 12Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 13Page - Cypress Semiconductor CY28435OXCT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PRELIMINARY
CY28435
Document #: 38-07664 Rev. *B
Page 10 of 23
Crystal Recommendations
The CY28435 requires a Parallel Resonance Crystal. Substi-
tuting a series resonance crystal will cause the CY28435 to
operate at the wrong frequency and violate the ppm specifi-
cation. For most applications there is a 300-ppm frequency
shift between series and parallel crystals due to incorrect
loading.
Crystal Loading
Crystal loading plays a critical role in achieving low ppm perfor-
mance. To realize low ppm performance, the total capacitance
the crystal will see must be considered to calculate the appro-
priate capacitive loading (CL).
Figure 2 shows a typical crystal configuration using the two
trim capacitors. An important clarification for the following
discussion is that the trim capacitors are in series with the
crystal not parallel. It’s a common misconception that load
capacitors are in parallel with the crystal and should be
approximately equal to the load capacitance of the crystal.
This is not true.
4
0
SMSW_SEL
Smooth switch select
0: select CPU_PLL
1: select SRC_PLL.
3
0
RESERVED
RESERVED, Set = 0
2
0
RESERVED
RESERVED, Set = 0
1
1
PCIF
Free running 33-MHz Output Drive Strength
0 = 2x, 1 = 1x
0
0
Recovery_N8
Watchdog Recovery Bit
Byte 15: Control Register 15
Bit
@Pup
Name
Description
7
0
Recovery N7
Watchdog Recovery Bit
6
0
Recovery N6
Watchdog Recovery Bit
5
0
Recovery N5
Watchdog Recovery Bit
4
0
Recovery N4
Watchdog Recovery Bit
3
0
Recovery N3
Watchdog Recovery Bit
2
0
Recovery N2
Watchdog Recovery Bit
1
0
Recovery N1
Watchdog Recovery Bit
0
0
Recovery N0
Watchdog Recovery Bit
Byte 16: Control Register 16
Bit
@Pup
Name
Description
7
1
REF1
REF1 Output Enable
0 = Disable, 1 = Enable
6
1
USB48_1
USB48_1 Output Enable
0 = Disable, 1 = Enable
5
0
SRC_FREQ_SEL
SRC Frequency selection
0: SRC frequency is selected via the FSE pin
1: SRC frequency is initially set to 167MHz.
4
0
RESERVED
RESERVED, Set = 0
3
0
SRC_SATA
SATA PLL Spread Spectrum Enable
0 = Spread off, 1 = Spread on
2
0
Prog_SRC_EN
Programmable SRC frequency enable
0 = disabled, 1 = enabled.
1
0
Prog_CPU_EN
Programmable CPU frequency enable
0 = disabled, 1 = enabled.
0
1
Watchdog Autorecovery Watchdog Autorecovery Mode
0 = Disable (Manual), 1= Enable (Auto)
Byte 14: Control Register 14 (continued)
Bit
@Pup
Name
Description


Similar Part No. - CY28435OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28435OXCT SPECTRALINEAR-CY28435OXCT Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results

Similar Description - CY28435OXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28439 CYPRESS-CY28439 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 CYPRESS-CY28439-2 Datasheet
297Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28410-2 CYPRESS-CY28410-2 Datasheet
280Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28410 CYPRESS-CY28410 Datasheet
281Kb / 18P
   Clock Generator for Intel Grantsdale Chipset
logo
SpectraLinear Inc
CY28410-2 SPECTRALINEAR-CY28410-2 Datasheet
219Kb / 16P
   Clock Generator for Intel Grantsdale Chipset
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com