Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C872 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16C872
Description  DUAL UART WITH 1284 PARALLEL PORT AND PLUG-AND-PLAY CONTROLLER
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C872 Datasheet(HTML) 5 Page - Exar Corporation

  XR16C872 Datasheet HTML 1Page - Exar Corporation XR16C872 Datasheet HTML 2Page - Exar Corporation XR16C872 Datasheet HTML 3Page - Exar Corporation XR16C872 Datasheet HTML 4Page - Exar Corporation XR16C872 Datasheet HTML 5Page - Exar Corporation XR16C872 Datasheet HTML 6Page - Exar Corporation XR16C872 Datasheet HTML 7Page - Exar Corporation XR16C872 Datasheet HTML 8Page - Exar Corporation XR16C872 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
XR16C872
5
Rev. 1.00
Visit Exar Web Site at www.exar.com
DISCONTINUED
PIN DESCRIPTION
Signal Type Definition. The following signal type definitions are from the 872 device point of view.
I
Standard input
O
Standard active output
OT24
Tri-state output
IOP14
Tri-state bi-directional input/output
IO24
Tri-state bi-directional input/output
HOST INTERFACE
A0-A15
2-15
I
ISA Bus Address. All 16 bits are used during PnP auto configuration
17,18
sequence with external EEPROM providing the resource data. In the
manual configuration mode A0-A10 are used for decoding COM1-4 and
LPT1-2 addresses. After auto or manual configuration, bits A0-A2 select
UART internal registers and A3-A10 are used to select UART A or B, or
the 1284 printer port.
D0-D7
30-21
IO24
ISA Data Bus. These are the eight three state data lines for transferring
data to or from the controlling CPU. D0 is the least significant bit and the
first data bit in a transmit or receive serial data stream.
AEN
19
I
Address Enable. Active high to validate A0-A15 address lines during Direct
Memory Access operation on the ISA bus. Connect to logic 0 when it is not used.
IOR#
99
I
Read Strobe. A logic 0 transition on this pin will request the contents of
an Internal register defined by address bits A0-A2 for either UART channels
A/B or A0-A1 for the printer port, be place onto D0-D7 data bus for a read
cycle by the CPU.
IOW#
100
I
Write Strobe. A logic 1 transition on this pin will transfer the data on the
data bus (D0-D7), as defined by either address bits A0-A2 for UART channels
A/B or A0-A1 for the printer port, into an internal register during a write cycle
from the CPU.
IRQ15
86
OT24
Interrupt Request Lines. These are three state active high interrupt lines to
IRQ12-10
87-89
controlling CPU when an interrupt request is generated by the UART
IRQ9
97
channel A/B or 1284 printer port.
IRQ3-7
92-96
DREQ5
78
OT24
DMA Request Channel 0,1,3 and 5. These are three state active high
DREQ3
79
outputs with internal weak pull down resistor. DMA request is used
DREQ1
80
by the 1284 parallel port during ECP and FIFO mode.
DREQ0
81
DACK5#
82
I
DMA Acknowledge Channel 0,1,3 and 5. These are active low inputs
DACK3#
83
and are used by the 1284 parallel port during ECP and FIFO mode.
DACK1#
84
DACK0#
85
Name
Pin #
Type
Pin Description


Similar Part No. - XR16C872

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850 EXAR-XR16C850 Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
XR16C850 EXAR-XR16C850 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CJ EXAR-XR16C850CJ Datasheet
331Kb / 55P
   UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
National Semiconductor ...
PC87310 NSC-PC87310 Datasheet
627Kb / 52P
   PC87310 (SuperI/OTM) Dual UART with Floppy Disk Controller and Parallel Port
logo
Exar Corporation
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
Texas Instruments
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
List of Unclassifed Man...
82C931 ETC-82C931 Datasheet
634Kb / 64P
   Plug and Play Integrated Audio Controller
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com