Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE2007 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 4Page - STMicroelectronics STE2007 Datasheet HTML 5Page - STMicroelectronics STE2007 Datasheet HTML 6Page - STMicroelectronics STE2007 Datasheet HTML 7Page - STMicroelectronics STE2007 Datasheet HTML 8Page - STMicroelectronics STE2007 Datasheet HTML 9Page - STMicroelectronics STE2007 Datasheet HTML 10Page - STMicroelectronics STE2007 Datasheet HTML 11Page - STMicroelectronics STE2007 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
2 Driver Pin Description
STE2007
8/62
2.3
Configuration Pins
2.4
Test Pins
COM0 to
COM67
High
Voltage
LCD Row Driver Output
Unused lines must be
left floating
COMS
High
Voltage
LCD Row Driver Output
Unused lines must be
left floating
SEG0 to
SEG95
High
Voltage
LCD Column Driver Output
Unused lines must be
left floating
Table 5.
Configuration Pin Description
PIN
Signal
Type
Config
Description
Note
OSCIN
I
VSS/VSSAUX
Internal Oscillator Stopped
VDDI
Internal Oscillator Active
SEL0 -SEL1
I
IDA
I
VSS/VSSAUX
IDA=”0”
VDDI
IDA=”1”
IDB
I
VSS/VSSAUX
IDB=”0”
VDDI
IDB=”1”
Table 6.
Test Pin Description
PIN
Signal
Type
Description
Note
T2
I
Test Input. Enable Test Mode.
Must Be connected to VSS
in Normal Working Mode
T1
I
Test Input. Enable Test Mode.
Must Be connected to VSS
in Normal Working Mode
T0
I
Test Input.
Must Be connected to VSS
in Normal Working Mode
T3
O
Test Output.
Must Be OPEN in Normal
Working Mode
Table 4.
High Voltage Pins (continued)
PIN
Signal
Type
Description
Note
SEL1
SEL0
Interface
VSS/VSSAUX
VSS//VSSAUX
I2C
VSS/VSSAUX
VDD1
SPI 4-Lines 8 bit
VDD1
VSS/VSSAUX
Serial 3-Lines 9 bit
VDD1
VDD1
Not Used


Similar Part No. - STE2007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007 Datasheet
718Kb / 62P
   96 x 68 Single-chip LCD controller/driver
STE2007DIE2 STMICROELECTRONICS-STE2007DIE2 Datasheet
718Kb / 62P
   96 x 68 Single-chip LCD controller/driver
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
   96 x 68 Single-chip LCD controller/driver
More results

Similar Description - STE2007

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2007 STMICROELECTRONICS-STE2007_06 Datasheet
718Kb / 62P
   96 x 68 Single-chip LCD controller/driver
logo
Sitronix Technology Co....
ST7033 SITRONIX-ST7033 Datasheet
441Kb / 39P
   4 x 96 Dot Matrix LCD Controller/Driver
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
   17 x 96 Dot Matrix LCD Controller/Driver
ST7533 SITRONIX-ST7533 Datasheet
582Kb / 60P
   33 x 96 Dot Matrix LCD Controller/Driver
ST7568 SITRONIX-ST7568 Datasheet
1Mb / 73P
   68 x 102 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
   68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
   68 x 102 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
   81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
   102 x 65 single-chip LCD controller/driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com