Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ801905050MOD Datasheet(PDF) 10 Page - Zilog, Inc.

Part # EZ801905050MOD
Description  eZ80190 Module is a compact, high-performance Ethernet module
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

EZ801905050MOD Datasheet(HTML) 10 Page - Zilog, Inc.

Back Button EZ801905050MOD Datasheet HTML 6Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 7Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 8Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 9Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 10Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 11Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 12Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 13Page - Zilog, Inc. EZ801905050MOD Datasheet HTML 14Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
PS019101-1003
PRELIMINARY
I/O Connector (JP2)
eZ801905050MOD
eZ80190 Module Product Specification
5
Table 1. eZ80190 Module Peripheral Bus Connector Pin Identification*
Pin #
Symbol
Pull
Up/Down*
Signal Direction Comments
1
Reserved
2
Reserved
3
Reserved
4
Reserved
5
TRSTN
Input
Reset for On-Chip Instrumentation (OCI);
not used with the eZ80190 Module.
6
Reserved
7
F91_WE
PU 10KΩ
Input
A Low enables a Write to on-chip Flash
memory. If this pin is unconnected, on-chip
Flash memory is write-protected; not used
with the eZ80190 Module.
8
Reserved
9
GND
VSS/Ground (0V).
10
VCC
3.3V supply input pin.
11
A6
Bidirectional
12
A0
Bidirectional
13
A10
Bidirectional
14
A3
Bidirectional
15
GND
VSS/Ground (0V).
16
VCC
3.3V supply input pin.
17
A8
Bidirectional
18
A7
Bidirectional
19
A13
Bidirectional
20
A9
Bidirectional
21
A15
Bidirectional
22
A14
Bidirectional
Notes: *External capacitive loads on RD, WR, IORQ, MREQ, D0–D7 and A0–A23 should be below 10pF to satisfy
timing requirements for the CPU.
All unused inputs should be pulled to either VDD or GND, depending on their inactive levels, to reduce power
consumption and to reduce noise sensitivity.
To prevent EMI, the EZ80CLK output can be deactivated via software in the eZ80190 Peripheral Power-Down
Register.
All inputs are CMOS level 3.3V (5V tolerant), except where otherwise noted.


Similar Part No. - EZ801905050MOD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZ80 ETC-EZ80 Datasheet
68Kb / 2P
   VEB FUNKWERK ERFURT
Ausgabe Juni 1953
logo
Zilog, Inc.
EZ800000100KTS ZILOG-EZ800000100KTS Datasheet
364Kb / 5P
   Zilog Full-Featured TCP/IP Software Suite
EZ80F91 ZILOG-EZ80F91 Datasheet
4Mb / 396P
   eZ80Acclaim-TM Flash Microcontrollers
EZ80F91 ZILOG-EZ80F91 Datasheet
413Kb / 25P
   eZ80F91 Mini Enet Module
EZ80F91 ZILOG-EZ80F91 Datasheet
581Kb / 22P
   Real-time clock support
More results

Similar Description - EZ801905050MOD

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80L925048MOD ZILOG-EZ80L925048MOD Datasheet
408Kb / 38P
   eZ80L92 Module is a compact, high-performance Ethernet module
EZ80F915050MOD ZILOG-EZ80F915050MOD Datasheet
509Kb / 34P
   eZ80F91 Module compact, high-performance Ethernet module
logo
Murata Manufacturing Co...
DSN6NC51H470Q93 MURATA1-DSN6NC51H470Q93 Datasheet
336Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
DSN6NZ81H103Q91 MURATA1-DSN6NZ81H103Q91 Datasheet
337Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
DSN6NZ81H103Q55 MURATA1-DSN6NZ81H103Q55 Datasheet
276Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
DSN6NC51H470Q92 MURATA1-DSN6NC51H470Q92 Datasheet
336Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
DSN6NZ81H103Q54 MURATA1-DSN6NZ81H103Q54 Datasheet
276Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
DSN6NZ81H103Q56 MURATA1-DSN6NZ81H103Q56 Datasheet
276Kb / 3P
   DS_6 is a compact, high performance lead type EMI
08/08/2022
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
   Compact Multiprotocol I/O Module for Ethernet
logo
RFHIC
RTP21010-11 RFHIC-RTP21010-11 Datasheet
672Kb / 8P
   This HPA Module is a high gain and compact amplifier module for WCDMA and LTE Repeater use.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com