Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZ80L92 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # EZ80L92
Description  eZ80Acclaim Flash Microcontrollers
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

EZ80L92 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button EZ80L92 Datasheet HTML 5Page - Zilog, Inc. EZ80L92 Datasheet HTML 6Page - Zilog, Inc. EZ80L92 Datasheet HTML 7Page - Zilog, Inc. EZ80L92 Datasheet HTML 8Page - Zilog, Inc. EZ80L92 Datasheet HTML 9Page - Zilog, Inc. EZ80L92 Datasheet HTML 10Page - Zilog, Inc. EZ80L92 Datasheet HTML 11Page - Zilog, Inc. EZ80L92 Datasheet HTML 12Page - Zilog, Inc. EZ80L92 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 241 page
background image
PS013012-1004
PRELIMINARY
List of Figures
eZ80L92 MCU
Product Specification
ix
Figure 26. Infrared Data Reception . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
Figure 27. SPI Master Device . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Figure 28. SPI Slave Device . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Figure 29. SPI Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
Figure 30. I2C Clock and Data Relationship . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 139
Figure 31. START and STOP Conditions In I2C Protocol . . . . . . . . . . . . . . . . . . . . . . 139
Figure 32. I2C Frame Structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140
Figure 33. I2C Acknowledge . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 141
Figure 34. Clock Synchronization In I2C Protocol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 142
Figure 35. Typical ZDI Debug Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 159
Figure 36. Schematic For Building a Target Board ZPAK Connector . . . . . . . . . . . . . 160
Figure 37. ZDI Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 161
Figure 38. ZDI Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 162
Figure 39. ZDI Address Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Figure 40. ZDI Single-Byte Data Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 163
Figure 41. ZDI Block Data Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 164
Figure 42. ZDI Single-Byte Data Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Figure 43. ZDI Block Data Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 165
Figure 44. Recommended Crystal Oscillator Configuration (20MHz operation) . . . . . 198
Figure 45. Recommended Crystal Oscillator Configuration (32KHz operation) . . . . . 199
Figure 46. ICC vs. Frequency (Typical @ 3.3V, 25ºC) . . . . . . . . . . . . . . . . . . . . . . . . 203
Figure 47. ICC vs. WAIT (Typical @ 3.3V, 25ºC) . . . . . . . . . . . . . . . . . . . . . . . . . . . 203
Figure 48. External Memory Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 49. External Memory Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 206
Figure 50. External Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 207
Figure 51. External I/O Read Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 208
Figure 52. External I/O Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 209
Figure 53. Wait State Timing for Read Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . 211
Figure 54. Wait State Timing for Write Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . 212
Figure 55. Port Input Sample Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 213


Similar Part No. - EZ80L92

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80L92 ZILOG-EZ80L92 Datasheet
408Kb / 38P
   eZ80L92 Module is a compact, high-performance Ethernet module
EZ80L925048MOD ZILOG-EZ80L925048MOD Datasheet
408Kb / 38P
   eZ80L92 Module is a compact, high-performance Ethernet module
More results

Similar Description - EZ80L92

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
EZ80F92 ZILOG-EZ80F92 Datasheet
3Mb / 266P
   eZ80Acclaim??Flash Microcontrollers
EZ80F91MCU ZILOG-EZ80F91MCU Datasheet
4Mb / 396P
   eZ80Acclaim-TM Flash Microcontrollers
logo
Microchip Technology
PIC18F14K22LIN MICROCHIP-PIC18F14K22LIN Datasheet
573Kb / 62P
   20-Pin Flash Microcontrollers 20-Pin Flash Microcontrollers
2011
PIC16F819-E MICROCHIP-PIC16F819-E Datasheet
1Mb / 176P
   Enhanced Flash Microcontrollers
09/27/04
PIC16F720 MICROCHIP-PIC16F720_13 Datasheet
4Mb / 254P
   20-Pin Flash Microcontrollers
11/29/12 2010-2013
logo
NXP Semiconductors
P89C738 PHILIPS-P89C738 Datasheet
360Kb / 64P
   8-bit Flash microcontrollers
1998 Apr 07
logo
STMicroelectronics
PM0075 STMICROELECTRONICS-PM0075 Datasheet
302Kb / 31P
   STM32F10xxx Flash memory microcontrollers
PM0073 STMICROELECTRONICS-PM0073 Datasheet
253Kb / 34P
   STM32Wxxx Flash memory microcontrollers
logo
Microchip Technology
PIC18F-LF1XK50 MICROCHIP-PIC18F-LF1XK50 Datasheet
3Mb / 420P
   20-Pin USB Flash Microcontrollers
2010
logo
Dallas Semiconductor
DS89C430 DALLAS-DS89C430 Datasheet
656Kb / 48P
   Ultra-High-Speed Flash Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com