Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLT7256L08 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. GLT7256L08
Description  Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT7256L08 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GLT7256L08 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
G -LINK
GLT7256L08
Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
Mar 2000(REV. 2.0)
G-Link Technology Corporation
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 4 -
Low VCC Data Retention Waveform (CE Controlled)
AC Test Conditions
Input Pulse Levels
0V to 3.0V
Input Rise and Fall Times
Timing Reference Level
3 ns
1.5V
AC Test Loads and Waveforms
AC Electrical Characteristics (over the commercial operating range)
Read Cycle
-8
-10
-12
-15
Parameter
Name
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tRC
Read Cycle Time
8
10
12
15
ns
tAA
Address Access Time
8
10
12
15
ns
tACS
Chip Select Access Time,
8
10
12
15
ns
tOE
Output Enable to Output Valid
5
6
7
8
ns
tCLZ
Chip Select to Output Low Z, CE
3
3
3
3
ns
tOLZ
Output Enable to Output in Low Z
0
0
0
0
ns
tCHZ
Chip Deselect to Output in High Z, CE
4
0
5
0
6
0
6
ns
tOHZ
Output Disable to Output in High Z
4
0
5
0
6
0
6
ns
tOH
Output Hold from Address Change
3
3
3
3
ns


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GLT725608 Ultra High Performance 32K x 8 Bit CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
V61C16 V61C16 FAMILY HIGH PERFORMANCE LOW POWER 2k x 8 BIT CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
CXK58256 32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Sony Corporation
P4C1256 HIGH SPEED 32K x 8 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
K6E0808C1E-C 32K x 8 Bit High-Speed CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
P4C147 ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
KM68V257E 32Kx8 Bit High-Speed CMOS Static RAM 3.3V Operating 1  2  3  4  5  More Samsung semiconductor
IMS1423 HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
IS61LV25616 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1  2  3  4  5  More Integrated Silicon Solution, Inc
V53C1664H HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM 1  2  3  4  5  More Mosel Vitelic, Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn