Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GLT7256L08 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. GLT7256L08
Description  Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GLT7256L08 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GLT7256L08 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT7256L08 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
G -LINK
GLT7256L08
Ultra High Performance 3.3V 32K x 8 Bit CMOS STATIC RAM
Mar 2000(REV. 2.0)
G-Link Technology Corporation
2701 Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
2F, No.12, R&D Rd. II, Science-Based Industrial Park,
Hsin Chu, Taiwan, R.O.C.
- 2 -
Pin Descriptions:
Name
Function
A0 - A14
Address Inputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
I/OO - I/O7
Data Input and Data Output
VCC
+3.3V Power Supply
GND
Ground
Truth Table:
Mode
WE
CE
OE
I/O Operation
V
Current
CC
Not Selected
(Power Down)
X
H
X
High Z
I
,I
CCSB
CCSB1
Output Disabled
H
L
H
High Z
I
CC
Read
H
L
L
D
OUT
I
CC
Write
L
L
X
D
IN
I
CC
Absolute Maximum Ratings:
Operation Range:
Range
Temperature
V
CC
Commercial
0 C to + 70 C
o
o
3.3V
±5%
Ambient Temperature
Under Bias...................................-10
°C to +80°C
Storage Temperature(plastic)....-55
°C to +125°C
Voltage Relative to GND.............-0.5V to + 4.6V
Data Output Current..................................50mA
Power Dissipation......................................1.0W
Sym.
Parameter
Conditions
Max. Unit
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATING may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
CIN
CI/O
Input Capacitance
Input/Output
Capacitance
VIN=0V
VI/O=0V
8
10
pF
pF
Capacitance
(1)T
A=25
°°C,f=1.0MHZ :


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GLT725608 Ultra High Performance 32K x 8 Bit CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
V61C16 V61C16 FAMILY HIGH PERFORMANCE LOW POWER 2k x 8 BIT CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
CXK58256 32K WORD X 8 BIT HIGH SPEED CMOS STATIC RAM 1  2  3  4  5  More Sony Corporation
P4C1256 HIGH SPEED 32K x 8 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
K6E0808C1E-C 32K x 8 Bit High-Speed CMOS Static RAM 1  2  3  4  5  More Samsung semiconductor
P4C147 ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
KM68V257E 32Kx8 Bit High-Speed CMOS Static RAM 3.3V Operating 1  2  3  4  5  More Samsung semiconductor
IMS1423 HIGH PERFORMANCE 4K X 4 CMOS STATIC RAM 1  2  3  4  5  More List of Unclassifed Manufacturers
IS61LV25616 256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY 1  2  3  4  5  More Integrated Silicon Solution, Inc
V53C1664H HIGH PERFORMANCE 64K X 16 BIT FAST PAGE MODE DUAL CAS CMOS DYNAMIC RAM 1  2  3  4  5  More Mosel Vitelic, Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn