Electronic Components Datasheet Search |
|
MCIMX6U4AVM08CD Datasheet(PDF) 5 Page - NXP Semiconductors |
|
MCIMX6U4AVM08CD Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 169 page Introduction i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors, Rev. 9, 11/2018 NXP Semiconductors 5 • The i.MX 6Solo/6DualLite Applications Processors for Industrial Products data sheet (IMX6SDLIEC) covers parts listed with “C (Industrial temp)” For more information go to nxp.com/imx6series or contact a NXP representative for details. Figure 1. Part Number Nomenclature—i.MX 6Solo and 6DualLite Figure 2. Example Part Marking 1.2 Features The i.MX 6Solo/6DualLite processors are based on Arm Cortex-A9 MPCore Platform, which has the following features: • The i.MX 6Solo supports single Arm Cortex-A9 MPCore (with TrustZone) • The i.MX 6DualLite supports dual Arm Cortex-A9 MPCore (with TrustZone) • The core configuration is symmetric, where each core includes: Temperature Tj + Commercial: 0 to + 95°CD Extended commercial: -20 to + 105°CE Industrial: -40 to +105°CC Automotive: -40 to + 125°CA Frequency $$ 800 MHz2 08 1 GHz3 10 Package type RoHS MAPBGA 21 x 21 0.8mm VM Qualification level MC Prototype Samples PC Mass Production MC Special SC Part # series X i.MX 6DualLite 2x ARM Cortex-A9, 64-bit DDR U i.MX 6Solo 1x ARM Cortex-A9, 32-bit DDR S Silicon revision1 A Rev 1.1 B Rev 1.2 (Maskset ID: 2N81E) Rev 1.3 (Maskset ID: 3N81E) C Rev 1.4 (Maskset ID: 4N81E) D Fusing % Default settings A HDCP enabled C MC IMX6 X @ + VV $$ % A 1. See the nxp.com\imx6series Web page for latest information on the available silicon revision. 2. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 792 MHz. 3. If a 24 MHz input clock is used (required for USB), the maximum SoC speed is limited to 996 MHz. Part differentiator @ Consumer VPU GPU EPDC MLB 8 Industrial VPU GPU – – 7 Automotive VPU GPU – MLB 6 Consumer VPU GPU – MLB 5 Automotive – GPU – MLB 4 Automotive – – – MLB 1 |
Similar Part No. - MCIMX6U4AVM08CD |
|
Similar Description - MCIMX6U4AVM08CD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |