Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2596T-5.0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # LM2596T-5.0
Description  3.0A, 150Khz, Step-Down Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM2596T-5.0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button LM2596T-5.0 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 8Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 9Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 10Page - List of Unclassifed Manufacturers LM2596T-5.0 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
3.0A, 15V, Step-Down Switching Regulator
This pin is the positive input supply for the LM2596 step–down switching
regulator.In order to minimize voltage transients and to supply the switching
currents needed by the regulator, a suitable input bypass capacitor must be
present .(Cin in Figure 1).
This is the emitter of the internal switch. The saturation voltage Vsat of this
output switch is typically 1.5 V. It should be kept in mind that the PCB area
connected to this pin should be kept to a minimum in order to minimize
coupling to sensitive circuitry.
Circuit ground pin. See the information about the printed circuit board layout.
This pin senses regulated output voltage to complete the feedback loop.
The signal is divided by the internal resistor divider network R2, R1 and
applied to the non–inverting input of the internal error amplifier. In the
Adjustable version of the LM2596 switching regulator this pin is the direct
input of the error amplifier and the resistor network R2, R1 is connected
externally to allow programming of the output voltage.
It allows the switching regulator circuit to be shut down using logic level
signals, thus dropping the total input supply current to approximately 80 mA.
The threshold voltage is typically 1.4 V. Applying a voltage above this value
(up to +Vin) shuts the regulator off. If the voltage applied to this pin is lower
than 1.4V or if this pin is left open, the regulator will be in the "on" condition
4
5
ON/OFF
3
Description
Feedback
LM2596
HTC
8
Symbol
1
Vin
Output
2
Gnd
PIN FUNCTION DESCRIPTION
Oct 2004 - Rev 0


Similar Part No. - LM2596T-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596T-5.0 NSC-LM2596T-5.0 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596T-5.0 TI1-LM2596T-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596T-5.0 TI-LM2596T-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   Adjustable Version Output Voltage Range, 1.2V to 37V 짹4% Max Over Line and Load Conditions
LM2596T-5.0 TI1-LM2596T-5.0 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
Guangdong Youtai Semico...
LM2596T-5.0 UMW-LM2596T-5.0 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
More results

Similar Description - LM2596T-5.0

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM2596 HTC-LM2596 Datasheet
408Kb / 8P
   3.0A, 150kHz, Step-Down Switching Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM1501A HTC-LM1501A Datasheet
175Kb / 4P
   5.0A, 150kHz, Step-down Switching Regulator
logo
List of Unclassifed Man...
LM2576 ETC1-LM2576 Datasheet
753Kb / 9P
   3.0A, 15V, Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2576 HTC-LM2576 Datasheet
928Kb / 14P
   3.0A, 52kHz, Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP3127 FOSLINK-FSP3127 Datasheet
258Kb / 8P
   150KHZ 500MA STEP DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2833 TI1-LM2833_14 Datasheet
1Mb / 30P
[Old version datasheet]   1.5MHz/3MHz 3.0A Step-Down DC-DC Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com