Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27964SQ-I Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27964SQ-I
Description  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQ-I Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM27964SQ-I Datasheet HTML 1Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 2Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 3Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 4Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQ-I Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Connection Diagram
24 Pin Quad LLP Package
NS Package Number SQA24A
20138102
Pin Descriptions
Pin #s
Pin Names
Pin Descriptions
24
V
IN
Input voltage. Input range: 2.7V to 5.5V.
23
P
OUT
Charge Pump Output Voltage
19, 22 (C1)
20, 21 (C2)
C1, C2
Flying Capacitor Connections
13, 14, 15, 16
D4A, D3A, D2A,
D1A
LED Drivers - GroupA
4, 5
D1B, D2B
LED Drivers - GroupB
6
DKEY
LED Driver - KEYPAD
17
I
SETA
Placing a resistor (R
SETA) between this pin and GND sets the full-scale LED
current for Group A LEDs. LED Current = 200 x (1.25V ÷ R
SETA)
3I
SETB
Placing a resistor (R
SETB) between this pin and GND sets the full-scale LED
current for Group B LEDs. LED Current = 200 x (1.25V ÷ R
SETB)
12
I
SETK
Placing a resistor (R
SETK) between this pin and GND sets the total LED
current for the KEYPAD LEDs. Keypad LED Current = 800 x (1.25V ÷ R
SETK)
1
SCL
Serial Clock Pin
2
SDIO
Serial Data Input/Output Pin
7
VIO
Serial Bus Voltage Level Pin
9, 10, 18, DAP
GND
Ground
8, 11
NC
No Connect
Ordering Information
Order Information
Current Source
PWM Frequency
Package
Supplied As
LM27964SQ-I
10kHz.
SQA24 LLP
1000 Units, Tape & Reel
LM27964SQX-I
4500 Units, Tape & Reel
LM27964SQ-A
23kHz.
SQA24 LLP
1000 Units, Tape & Reel
LM27964SQX-A
4500 Units, Tape & Reel
www.national.com
2


Similar Part No. - LM27964SQ-I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964SQ-I NSC-LM27964SQ-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

Similar Description - LM27964SQ-I

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com