Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C276-30QMB Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C276-30QMB
Description  16K x 16 Reprogrammable PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C276-30QMB Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C276-30QMB Datasheet HTML 1Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 2Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 3Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 4Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 5Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 6Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 7Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 8Page - Cypress Semiconductor CY7C276-30QMB Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY7C276
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. – 65
°C to+150°C
Ambient Temperature with
Power Applied............................................. –55
°C to+125°C
Supply Voltage to Ground Potential ................ –0.5V to+7.0V
DC Voltage Applied to Outputs
in High Z State ................................................ –0.5V to+7.0V
DC Input Voltage............................................ –3.0V to +7.0V
DC Program Voltage .....................................................13.0V
UV Erasure ...................................................7258 Wsec/cm2
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Selection Guide
CY7C276-25
CY7C276-30
CY7C276-35
Maximum Access Time (ns)
25
30
35
Maximum Operating
Current (mA)
Commercial
175
175
175
Military
200
200
200
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
±10%
Industrial[1]
–40
°C to +85°C
5V
±10%
Military[2]
–55
°C to +125°C
5V
±10%
Electrical Characteristics[3, 4]
Parameter
Description
CY7C276-25
CY7C276-30
CY7C276-35
Unit
Test Conditions
Min.
Max.
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA (6.0 mA Mil)
0.4
V
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs
2.0
VCC
V
VIL
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs
–3.0
0.8
V
IIX
Input Leakage Current
GND < VIN < VCC
–10
+10
µA
VCD
Input Clamp Diode Voltage
Note 3
µA
IOZ
Output Leakage Current
VCC = Max., VOL < VOUT < VOH,
Output Disabled
–40
+40
µA
IOS
Output Short Circuit Current
VCC = Max., VOUT = 0.0V
[5]
–20
–90
mA
ICC
Power Supply Current
VCC = Max., IOUT = 0.0 mA
Com’l
175
mA
Military
200
mA
Capacitance[3]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF
Notes:
1.
Contact a Cypress representative for industrial temperature range specifications.
2.
TA is the “instant on” case temperature
3.
See Introduction to CMOS PROMs in this Data Book for general information on testing.
4.
See the last page of this specification for Group A subgroup testing information.
5.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.


Similar Part No. - CY7C276-30QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C276-30JC CYPRESS-CY7C276-30JC Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
More results

Similar Description - CY7C276-30QMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C276 CYPRESS-CY7C276_06 Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com