Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C276-30HC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C276-30HC
Description  16K x 16 Reprogrammable PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C276-30HC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C276-30HC Datasheet HTML 1Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 2Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 3Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 4Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 5Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 6Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 7Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 8Page - Cypress Semiconductor CY7C276-30HC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
16K x 16 Reprogrammable PROM
CY7C276
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
March 1991 – Revised December 1993
1CY 7C27 6
Features
0.8-micron CMOS for optimum speed/power
High speed (for commercial and military)
— 25-ns access time
16-bit-wide words
Three programmable chip selects
Programmable output enable
44-pin PLCC and 44-pin LCC packages
100% reprogrammable in windowed packages
TTL-compatible I/O
Capable of withstanding greater than 2001V static dis-
charge
Functional Description
The CY7C276 is a high-performance 16K-word by 16-bit
CMOS PROM. It is available in a 44-pin PLCC/CLCC and a
44-pin LCC packages, and is 100% reprogrammable in win-
dowed packages. The memory cells utilize proven EPROM
floating gate technology and word-wide programming algo-
rithms.
The CY7C276 allows the user to independently program the
polarity of each chip select (CS2−CS0). This provides on-chip
decoding of up to eight banks of PROM. The polarity of the
asynchronous output enable pin (OE) is also programmable.
In order to read the CY7C276, all three chip selects must be
active and OE must be asserted. The contents of the memory
location addressed by the address lines (A13−A0) will become
available on the output lines (D15−D0). The data will remain on
the outputs until the address changes or the outputs are dis-
abled.
C276–1
16K x 16
PROGRAMMABLE
ARRAY
CS
DECODE
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LCC/PLCC/CLCC
Top View
C276–2
A13
A12
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
A11
CS0
CS1
CS2
OE
1
7
8
9
10
11
12
13
14
15
16
17
39
38
37
36
35
34
33
32
31
30
29
18 19 20 21 22 23 24 25 26 27 28
6 5 4 3 2
44 43 42 41 40
A13
A12
A11
A10
A9
VSS
VSS
A8
A7
A6
A5
D12
D11
D10
D9
D8
VSS
VCC
D7
D6
D5
D4
Logic Block Diagram
Pin Configuration


Similar Part No. - CY7C276-30HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C276-30JC CYPRESS-CY7C276-30JC Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
More results

Similar Description - CY7C276-30HC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C276 CYPRESS-CY7C276_06 Datasheet
338Kb / 11P
   16K x 16 Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A_06 Datasheet
547Kb / 13P
   2K x 8 Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY291A PYRAMID-PY291A Datasheet
100Kb / 9P
   2K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C245A CYPRESS-CY7C245A Datasheet
227Kb / 12P
   2K x 8 Reprogrammable Registered PROM
CY7C245A CYPRESS-CY7C245A_06 Datasheet
396Kb / 13P
   2K x 8 Reprogrammable Registered PROM
CY7C287 CYPRESS-CY7C287 Datasheet
226Kb / 8P
   64K x 8 Reprogrammable Registered PROM
CY7C277 CYPRESS-CY7C277 Datasheet
431Kb / 13P
   32K x 8 Reprogrammable Registered PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com