Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4850.1310 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4850.1310
Description  , 3-pole, Plug, solder terminal, DIN Plug/Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4850.1310 Datasheet(HTML) 1 Page - Schurter Inc.

  4850.1310 Datasheet HTML 1Page - Schurter Inc. 4850.1310 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DIN Plug/Socket
4850.1310
https://www.schurter.com /PG12
Appliance Inlet
, 3-pole, Plug, solder terminal, DIN Plug/Socket
See below:
Approvals and Compliances
3-pole
Description
- Solder terminal :
for cable mounting
- DIN Plug: 3-pole , straight
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Diameter
9.0 mm
Number of Poles
3-pole
Ratings DC
2 A / 12 VDC
Ratings AC
1 A / 100 VAC
Dielectric Strength
250 VAC
Insulation Resistance
> 50 M
Ω␣ @ 250VDC
Allowable Operation Tempe-
rature
-20 °C to 70 °C
Terminal
solder terminal silver plated
Lifetime
5000 Insertions
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
ø 14.8
44.5
6.0
ø 5.0
2
1
3
Cable diameter max. 5.0 mm


Similar Part No. - 4850.1310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.1310 SCHURTER-4850.1310 Datasheet
223Kb / 2P
   4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
227Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
221Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
224Kb / 2P
   4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
235Kb / 2P
   , 3-pole, Socket, PCB terminals, DIN Plug/Socket
More results

Similar Description - 4850.1310

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.1310 SCHURTER-4850.1310_V02 Datasheet
220Kb / 2P
   , 3-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
4850.1310 SCHURTER-4850.1310_17 Datasheet
224Kb / 2P
   4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1310 SCHURTER-4850.1310 Datasheet
223Kb / 2P
   4850, 3-pole, Plug, solder terminal, DIN Plug/Socket
4850.1510 SCHURTER-4850.1510_V01 Datasheet
237Kb / 2P
   , 5-pole, Plug, solder terminal, DIN Plug/Socket
4850.1610 SCHURTER-4850.1610_V01 Datasheet
238Kb / 2P
   , 6-pole, Plug, solder terminal, DIN Plug/Socket
4850.1510 SCHURTER-4850.1510_V02 Datasheet
237Kb / 2P
   , 5-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
4850.1810 SCHURTER-4850.1810_V01 Datasheet
240Kb / 2P
   , 8-pole, Plug, solder terminal, DIN Plug/Socket
4850.1810 SCHURTER-4850.1810_V02 Datasheet
239Kb / 2P
   , 8-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
4850.1410 SCHURTER-4850.1410_V01 Datasheet
240Kb / 2P
   , 4-pole, Plug, solder terminal, DIN Plug/Socket
4850.1610 SCHURTER-4850.1610_V02 Datasheet
238Kb / 2P
   , 6-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com