Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4212LBCP Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4212LBCP
Description  Dual Low Power PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4212LBCP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4212LBCP Datasheet HTML 7Page - Analog Devices ADF4212LBCP Datasheet HTML 8Page - Analog Devices ADF4212LBCP Datasheet HTML 9Page - Analog Devices ADF4212LBCP Datasheet HTML 10Page - Analog Devices ADF4212LBCP Datasheet HTML 11Page - Analog Devices ADF4212LBCP Datasheet HTML 12Page - Analog Devices ADF4212LBCP Datasheet HTML 13Page - Analog Devices ADF4212LBCP Datasheet HTML 14Page - Analog Devices ADF4212LBCP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. 0
ADF4212L
–11–
Table I. C2, C1 Truth Table
Control Bits
C2
C1
Data Latch
00
IF R Counter
01
IF N Counter (A and B)
10
RF R Counter
11
RF N Counter (A and B)
Table II. Latch Summary
15-BIT REFERENCE COUNTER
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
C1 (0)
C2 (0)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P2
P3
P4
IF R COUNTER LATCH
P1
IF CP CURRENT
SETTING
DB23
IFCP2
DB22
IFCP1
DB21
IFCP0
R15
12-BIT B COUNTER
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
C1 (1)
C2 (0)
A1
A2
A3
A4
A5
A6
B1
B2
B3
B4
B5
B6
B7
B8
B11
B12
P5
IF N COUNTER LATCH
B10
IF
PRESCALER
DB23
P8
DB22
P7
DB21
P6
B9
6-BIT A COUNTER
15-BIT RF REFERENCE COUNTER
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
C1 (0)
C2 (1)
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
P10
P11
P12
RF R COUNTER LATCH
P9
RF CP CURRENT
SETTING
DB23
RFCP2
DB22
RFCP1
DB21
RFCP0
R15
12-BIT B COUNTER
CONTROL
BITS
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
DB18
DB19
DB20
C1 (1)
C2 (1)
A1
A2
A3
A4
A5
A6
B1
B2
B3
B4
B5
B6
B7
B8
B11
B12
P14
RF N COUNTER LATCH
B10
RF
PRESCALER
DB23
P17
DB22
P16
DB21
P15
B9
6-BIT A COUNTER
RF/IF Input Shift Register
The ADF4212L digital section includes a 24-bit input shift
register, a 14-bit IF R counter, and an 18-bit IF N counter (com-
prising a 6-bit IF A counter and a 12-bit IF B counter). Also
present is a 14-bit RF R counter and an 18-bit RF N counter
(comprising a 6-bit RF A counter and a 12-bit RF B counter).
Data is clocked into the 24-bit shift register on each rising edge of
CLK. The data is clocked in MSB first. Data is transferred
from the shift register to one of four latches on the rising edge of
LE. The destination latch is determined by the state of the two
control bits (C2, C1) in the shift register. These are the two
LSBs, DB1, and DB0, as shown in the timing diagram of Figure 1.
The truth table for these bits is shown in Table VI. Table I shows a
summary of how the latches are programmed.


Similar Part No. - ADF4212LBCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
More results

Similar Description - ADF4212LBCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4212L AD-ADF4212L_15 Datasheet
390Kb / 28P
   Dual Low Power PLL Frequency Synthesizer
Rev. E
logo
Motorola, Inc
MC145149 MOTOROLA-MC145149 Datasheet
157Kb / 12P
   Dual PLL Frequency Synthesizer
logo
Rohm
BU2630F ROHM-BU2630F Datasheet
143Kb / 8P
   Dual PLL frequency synthesizer
logo
List of Unclassifed Man...
FS8308 ETC1-FS8308 Datasheet
289Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Princeton Technology Co...
FS8308 PTC-FS8308 Datasheet
343Kb / 15P
   Low Power PLL Frequency Synthesizer IC
logo
Sanyo Semicon Device
LM7006 SANYO-LM7006 Datasheet
275Kb / 7P
   Dual PLL Frequency Synthesizer Circuit
logo
Toshiba Semiconductor
TB31251FL TOSHIBA-TB31251FL Datasheet
573Kb / 15P
   1.4GHz DUAL-PLL FREQUENCY SYNTHESIZER
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com