Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE83503-EK Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE83503-EK
Description  3.5 GHz Low Power CMOS Divide-by-8 Prescaler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE83503-EK Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE83503-EK Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE83503-EK Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 1 of 7
Product Description
Figure 1. Functional Schematic Diagram
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
D
QB
Q
CLK
Figure 2. Package Drawing
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
2.85V ≤ VDD ≤ 3.15 V; -55
° C ≤ TA ≤ 125° C, unless otherwise specified
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
13
19
mA
Input Frequency (FIN)
1.5
3.5
GHz
Input Power (PIN)
1500 MHz ≤ Fin ≤ 2800 MHz
-5
+10
dBm
2800 MHz < Fin ≤ 3500 MHz
0
+10
dBm
Output Power
0
dBm
PRODUCT SPECIFICATION
PE83503
Military Operating Temperature Range
RR
3.5 GHz Low Power CMOS
Divide-by-8 Prescaler
Features
• High-frequency operation:
1.5 GHz to 3.5 GHz
• Fixed divide ratio of 8
• Low-power operation: 12 mA
typical @ 3 V across frequency
• Small package: 8-lead MSOP
• Low Cost
The PE83503 is a high performance monolithic CMOS
prescaler with a fixed divide ratio of 8. Its operating
frequency range is 1.5 GHz to 3.5 GHz. The PE83503
operates on a nominal 3 V supply and draws only 12 mA.
It is packaged in a small 8-lead MSOP and is ideal for
microwave PLL synthesis solutions.
The PE83503 is manufactured in Peregrine’s patented
Ultra Thin Silicon (UTSi) CMOS process, offering the
performance of GaAs with the economy and integration
of conventional CMOS.
8-lead MSOP
5.05
4.75
3.05
2.85


Similar Part No. - PE83503-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
More results

Similar Description - PE83503-EK

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
   3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
   UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304 Datasheet
223Kb / 6P
   1- 7 GHz Low Power CMOS Divide-by-2 Prescaler
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
Peregrine Semiconductor...
PE83513 PEREGRINE-PE83513 Datasheet
278Kb / 6P
   DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com