Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08CB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MCIMX6U4AVM08CB
Description  i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08CB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08CB Datasheet HTML 7Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 8Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 9Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 10Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 11Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 12Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 13Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 14Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
Modules List
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors, Rev. 9, 11/2018
NXP Semiconductors
11
3
Modules List
The i.MX 6Solo/6DualLite processors contain a variety of digital and analog modules. Table 2 describes
these modules in alphabetical order.
Table 2. i.MX 6Solo/6DualLite Modules List
Block Mnemonic
Block Name
Subsystem
Brief Description
APBH-DMA
NAND Flash and BCH
ECC DMA controller
System Control
Peripherals
DMA controller used for GPMI2 operation
Arm
Arm Platform
Arm
The Arm Core Platform includes 1x (Solo) Cortex-A9
core for i.MX 6Solo and 2x (Dual) Cortex-A9 cores for
i.MX 6DualLite. It also includes associated sub-blocks,
such as the Level 2 Cache Controller, SCU (Snoop
Control Unit), GIC (General Interrupt Controller), private
timers, watchdog, and CoreSight debug modules.
ASRC
Asynchronous Sample
Rate Converter
Multimedia
Peripherals
The Asynchronous Sample Rate Converter (ASRC)
converts the sampling rate of a signal associated to an
input clock into a signal associated to a different output
clock. The ASRC supports concurrent sample rate
conversion of up to 10 channels of about -120dB
THD+N. The sample rate conversion of each channel is
associated to a pair of incoming and outgoing sampling
rates. The ASRC supports up to three sampling rate
pairs.
AUDMUX
Digital Audio Mux
Multimedia
Peripherals
The AUDMUX is a programmable interconnect for voice,
audio, and synchronous data routing between host
serial interfaces (for example, SSI1, SSI2, and SSI3)
and peripheral serial interfaces (audio and voice
codecs). The AUDMUX has seven ports with identical
functionality and programming models. A desired
connectivity is achieved by configuring two or more
AUDMUX ports.
BCH40
Binary-BCH ECC
Processor
System Control
Peripherals
The BCH40 module provides up to 40-bit ECC for
NAND Flash controller (GPMI)
CAAM
Cryptographic
accelerator and
assurance module
Security
CAAM is a cryptographic accelerator and assurance
module. CAAM implements several encryption and
hashing functions, a run-time integrity checker, and a
Pseudo Random Number Generator (PRNG). The
pseudo random number generator is certified by
Cryptographic Algorithm Validation Program (CAVP) of
National Institute of Standards and Technology (NIST).
Its DRBG validation number is 94 and its SHS validation
number is 1455.
CAAM also implements a Secure Memory mechanism.
In i.MX 6Solo/6DualLite processors, the security
memory provided is 16 KB.
CCM
GPC
SRC
Clock Control Module,
General Power Controller,
System Reset Controller
Clocks, Resets, and
Power Control
These modules are responsible for clock and reset
distribution in the system, and also for the system power
management.
CSI
MIPI CSI-2 i/f
Multimedia
Peripherals
The CSI IP provides MIPI CSI-2 standard camera
interface port. The CSI-2 interface supports from 80
Mbps to 1 Gbps speed per data lane.


Similar Part No. - MCIMX6U4AVM08CB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08CB NXP-MCIMX6U4AVM08CB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6U4AVM08CB NXP-MCIMX6U4AVM08CB Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08CB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
logo
Freescale Semiconductor...
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com