Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX6U4AVM08CB Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MCIMX6U4AVM08CB
Description  i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors
Download  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX6U4AVM08CB Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MCIMX6U4AVM08CB Datasheet HTML 62Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 63Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 64Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 65Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 66Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 67Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 68Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 69Page - NXP Semiconductors MCIMX6U4AVM08CB Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 169 page
background image
i.MX 6Solo/6DualLite Automotive and Infotainment Applications Processors, Rev. 9, 11/2018
66
NXP Semiconductors
Electrical Characteristics
In EDO mode (Figure 28), NF16/NF17 are different from the definition in non-EDO mode (Figure 27).
They are called tREA/tRHOH (RE# access time/RE# HIGH to output hold). The typical value for them
are 16 ns (max for tREA)/15 ns (min for tRHOH) at 50 MB/s EDO mode. In EDO mode, GPMI will
sample NAND_DATAxx at rising edge of delayed NAND_RE_B provided by an internal DPLL. The delay
value can be controlled by GPMI_CTRL1.RDN_DELAY (see the GPMI chapter of the i.MX
6Solo/6DualLite reference manual). The typical value of this control register is 0x8 at 50 MT/s EDO mode.
But if the board delay is big enough and cannot be ignored, the delay value should be made larger to
compensate the board delay.
Table 46. Asynchronous Mode Timing Parameters1
1 GPMI’s Async Mode output timing can be controlled by the module’s internal registers
HW_GPMI_TIMING0_ADDRESS_SETUP, HW_GPMI_TIMING0_DATA_SETUP, and HW_GPMI_TIMING0_DATA_HOLD.
This AC timing depends on these registers settings. In the table, AS/DS/DH represents each of these settings.
ID
Parameter
Symbol
Timing
T = GPMI Clock Cycle
Unit
Min
Max
NF1
NAND_CLE setup time
tCLS
(AS + DS)
× T - 0.12 [see 2,3]
2
AS minimum value can be 0, while DS/DH minimum value is 1.
3 T = GPMI clock period -0.075ns (half of maximum p-p jitter).
ns
NF2
NAND_CLE hold time
tCLH
DH
× T - 0.72 [see 2]ns
NF3
NAND_CE0_B setup time
tCS
(AS + DS + 1)
× T [see 3,2]ns
NF4
NAND_CE0_B hold time
tCH
(DH+1)
× T - 1 [see 2]ns
NF5
NAND_WE_B pulse width
tWP
DS
× T [see 2]ns
NF6
NAND_ALE setup time
tALS
(AS + DS)
× T - 0.49 [see 3,2]ns
NF7
NAND_ALE hold time
tALH
(DH
× T - 0.42 [see 2]ns
NF8
Data setup time
tDS
DS
× T - 0.26 [see 2]ns
NF9
Data hold time
tDH
DH
× T - 1.37 [see 2]ns
NF10
Write cycle time
tWC
(DS + DH)
× T [see 2]ns
NF11
NAND_WE_B hold time
tWH
DH
× T [see 2]ns
NF12
Ready to NAND_RE_B low
tRR4
4 NF12 is guaranteed by the design.
(AS + 2)
× T [see 3,2]—
ns
NF13
NAND_RE_B pulse width
tRP
DS
× T [see 2]ns
NF14
READ cycle time
tRC
(DS + DH)
× T [see 2]ns
NF15
NAND_RE_B high hold time
tREH
DH
× T [see 2]ns
NF16
Data setup on read
tDSR
(DS
× T -0.67)/18.38 [see 5,6]
5 Non-EDO mode.
6 EDO mode, GPMI clock ≈ 100 MHz
(AS=DS=DH=1, GPMI_CTL1 [RDN_DELAY] = 8, GPMI_CTL1 [HALF_PERIOD] = 0).
ns
NF17
Data hold on read
tDHR
0.82/11.83 [see 5,6]—
ns


Similar Part No. - MCIMX6U4AVM08CB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6U4AVM08CB NXP-MCIMX6U4AVM08CB Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
MCIMX6U4AVM08CB NXP-MCIMX6U4AVM08CB Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
More results

Similar Description - MCIMX6U4AVM08CB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
   i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
IMX6SXAEC NXP-IMX6SXAEC Datasheet
4Mb / 208P
   i.MX 6SoloX Automotive and Infotainment Applications Processors
Rev. 4, 11/2018
IMX8DXAEC NXP-IMX8DXAEC Datasheet
2Mb / 143P
   i.MX 8DualX Automotive and Infotainment Applications Processors
Rev. 3, 05/2020
IMX8QMAEC NXP-IMX8QMAEC Datasheet
2Mb / 155P
   i.MX 8QuadMax Automotive and Infotainment Applications Processors
Rev. 0, 10/2019
IMX8XLB0AEC NXP-IMX8XLB0AEC Datasheet
1Mb / 112P
   i.MX 8XLite Automotive and Infotainment Applications Processors
Rev. 2, 03/2023
IMX8QPAEC NXP-IMX8QPAEC Datasheet
2Mb / 147P
   i.MX 8QuadPlus Automotive and Infotainment Applications Processors
Rev. 2, 05/2021
logo
Freescale Semiconductor...
IMX6DQAEC FREESCALE-IMX6DQAEC Datasheet
2Mb / 165P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
NXP Semiconductors
IMX6DQAEC NXP-IMX6DQAEC Datasheet
3Mb / 170P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
logo
Freescale Semiconductor...
MCIMX6Q6AVT10AC FREESCALE-MCIMX6Q6AVT10AC Datasheet
2Mb / 166P
   i.MX 6Dual/6Quad Automotive and Infotainment Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com