Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PE83336 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part No. PE83336
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE83336 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PE83336
Product Specification
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0137~01A
| UTSi
CMOS RFIC SOLUTIONS
Page 6 of 14
Table 5. DC Characteristics
VDD = 3.0 V, -55° C ≤ TA ≤ 125° C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler disabled
Prescaler enabled
VDD = 2.85 to 3.15 V
10
20
28
mA
mA
Digital Inputs: All except fr, R0, Fin, Fin
VIH
High level input voltage
VDD = 2.85 to 3.15 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.15 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.15 V
+70
µA
IIL
Low level input current
VIL = 0, VDD = 3.15 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.15 V
+100
µA
IILR
Low level input current
VIL = 0, VDD = 3.15 V
-100
µA
R0 Input (Pull-up Resistor): R0
IIHRO
High level input current
VIH = VDD = 3.15 V
+70
µA
IILRO
Low level input current
VIL = 0, VDD = 3.15 V
-5
µA
Counter and phase detector outputs: fc, fp, PD_D, PD_U
VOLD
Output voltage LOW
Iout = 6mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3mA
VDD - 0.4
V
Lock detect outputs: Cext, LD
VOLC
Output voltage LOW, Cext
Iout = 100uA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -100uA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 6mA
0.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn