Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE83336 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part No. PE83336
Description  3.0 GHz Integer-N PLL for Low Phase Noise Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PEREGRINE [Peregrine Semiconductor Corp.]
Homepage  http://www.peregrine-semi.com
Logo 

PE83336 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PE83336
Product Specification
PEREGRINE SEMICONDUCTOR CORP.
| http://www.peregrine-semi.com
Copyright
Peregrine Semiconductor Corp. 2003
Page 5 of 14
Table 2. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD
+ 0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature
range
-65
150
°C
Table 3. Operating Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-55
125
°C
Table 4. ESD Ratings
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage (Human Body
Model)
1000
V
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Electrostatic Discharge (ESD) Precautions
When handling this UTSi
® device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UTSi
® CMOS
devices are immune to latch-up.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn