Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42671-90 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # 42671-90
Description  SP7T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

42671-90 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  42671-90 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 42671-90 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 42671-90 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 42671-90 Datasheet HTML 4Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary Specification
PE42671
Page 2 of 4
©2005-2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0196-03
│ UltraCMOS™ RFIC Solutions
Contact sales@psemi.com for full version of datasheet
Table 1. Target Electrical Specifications @ 25 °C, VDD = 2.75 V
Table 2. Operating Ranges
Table 3. Absolute Maximum Ratings
Part performance is not guaranteed under these
conditions. Exposure to absolute maximum conditions
for extended periods of time may adversely affect
reliability. Stresses in excess of absolute maximum
ratings may cause permanent damage.
Note: 2. Assumes RF input period of 4620
µs and duty cycle of 50%.
Note: 3. Assumes RF input period of 4620
µs and duty cycle of 50%.
4. VDD within operating range specified in Table 2.
Table 1. Target Electrical Specifications @ 25 °C, VDD = 2.75 V
Note: 1. Insertion loss specified with optimal impedance matching.
Parameter
Symbol
Min Typ Max Units
Temperature range
TOP
-40
+85
°C
VDD Supply Voltage
VDD
2.65
2.75
2.85
V
IDD Power Supply Current
(VDD = 2.75 V)
IDD
13
50
µA
TX input power2 (VSWR
≤ 3:1)
824-915 MHz
+35
dBm
+33
RX input power2
(VSWR
=1:1)
PIN
+20
dBm
Control Voltage High
VIH
1.4
V
Control Voltage Low
VIL
0.4
V
PIN
TX input power2 (VSWR
≤ 3:1)
1710-1910 MHz
TRX input power (VSWR
≤ 3:1)
824 - 2170 MHz
+31
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD+ 0.3
V
TST
Storage temperature range
-65
+150
°C
PIN(50 Ω)
TX input power (50
Ω) 3,4
824-915 MHz
+38
dBm
TX input power (50
Ω) 3,4
1710-1910 MHz
+36
RX input power (50
Ω) 3,4
+23
PIN (∞:1)
TX input power (VSWR = (
∞:1)3,4
824-915 MHz
+35
dBm
TX input power (VSWR = (
∞:1)3,4
1710-1910 MHz
+33
VESD
ESD Voltage (HBM, MIL_STD 883
Method 3015.7)
1500
V
TRX input power (VSWR = (
∞:1)
824 - 2170 MHz
+31
TRX input power (50
Ω)
824 - 2170 MHz
+34
Parameter
Condition
Typ
Units
Insertion loss1
TX - ANT (850 / 900)
TX - ANT (1800 / 1900)
TRX - ANT ( 850 WCDMA )
TRX - ANT ( 2100 WCDMA )
RX - ANT (850 / 900)
RX - ANT (1800 / 1900)
0.65
0.75
0.6
0.75
0.95
1.0
dB
dB
dB
dB
dB
dB
Return Loss
Port under test in on state (850 / 900)
(1800 / 1900 / 2100)
20
15
dB
dB
Isolation
TX - RX (850 / 900)
TX - RX (1800 / 1900)
TX - TX (850 / 900)
TX - TX (1800 / 1900)
TX - TRX (850 / 900)
TX - TRX (1800 / 1900)
TRX - RX ( 850 WCDMA)
TRX - RX (2100 WCDMA)
47
40
33
27
36
29
40
31
dB
dB
dB
dB
dB
dB
dB
dB
2nd Harmonic
TX 850 / 900 MHz, +35 dBm output power, 50
TX 1800 / 1900 MHz, +33 dBm output power, 50
-83
-82
dBc
dBc
3rd Harmonic
TX 850 / 900 MHz, +35 dBm output power, 50
TX 1800 / 1900 MHz, +33 dBm output power, 50
-78
-78
dBc
dBc
WCDMA 2100 IMD3
TRX1 / TRX2: Measured at 2.14 GHz at ANT port, input +20 dBm CW
signal at 1.95 GHz and -15 dBm CW signal at 1.76 GHz
-111
dBm
WCDMA 2100 IIP3
TRX1 / TRX2: Measured at 2.14 GHz at ANT port, input +20 dBm CW
signal at 1.95 GHz and -15 dBm CW signal at 1.76 GHz
+68
dBm


Similar Part No. - 42671-90

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
4267 KEYSTONE-4267 Datasheet
238Kb / 1P
   CLEAR THRU-HOLE SPACER
logo
Heyco.
4267 HEYCO-4267 Datasheet
241Kb / 1P
   Nytye®Mounting Platforms
logo
Peregrine Semiconductor...
42672-00 PEREGRINE-42672-00 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
42672-90 PEREGRINE-42672-90 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
42672-99 PEREGRINE-42672-99 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
More results

Similar Description - 42671-90

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42672 PEREGRINE-PE42672 Datasheet
171Kb / 4P
   SP7T UltraCMOS??2.75 V Switch 100 - 3000 MHz, 68 dBM IIP3
PE42693 PEREGRINE-PE42693 Datasheet
99Kb / 4P
   SP9T UltraCMOS 2.75 V Switch 100 - 3000 MHz, 68 dBm IIP3
PE42612 PEREGRINE-PE42612 Datasheet
157Kb / 4P
   SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz
PE4268 PEREGRINE-PE4268 Datasheet
307Kb / 11P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4261 PEREGRINE-PE4261 Datasheet
160Kb / 4P
   SP4T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE4263 PEREGRINE-PE4263 Datasheet
149Kb / 4P
   SP6T UltraCMOS??2.6 V Switch 100 - 3000 MHz
PE42632 PEREGRINE-PE42632 Datasheet
125Kb / 4P
   SP6T UltraCMOS 2.70 V Switch 100 - 3000 MHz,50ohm
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
   UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
   UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
logo
Peregrine Semiconductor...
PE4271 PEREGRINE-PE4271 Datasheet
300Kb / 8P
   SPST CATV UltraCMOS??Switch DC - 3000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com