Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9763-01 Datasheet(PDF) 10 Page - Peregrine Semiconductor Corp.

Part # 9763-01
Description  3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9763-01 Datasheet(HTML) 10 Page - Peregrine Semiconductor Corp.

Back Button 9763-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 10Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 11Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 12Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 13Page - Peregrine Semiconductor Corp. 9763-01 Datasheet HTML 14Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product Specification
PE9763
Page 10 of 15
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0140-01
│ UltraCMOS™ RFIC Solutions
While the E_WR input is “high” and the S_WR in-
put is “low”, serial input data (Sdata input), B0 to
B7, are clocked serially into the enhancement reg-
ister on the rising edge of Sclk, MSB (B0) first. The
enhancement register is double buffered to pre-
vent inadvertent control changes during serial
loading, with buffer capture of the serially entered
data performed on the falling edge of E_WR ac-
cording to the timing diagram shown in Figure 4.
After the falling edge of E_WR, the data provide
control bits as shown in Table 9 on page 10 will
have their bit functionality enabled by asserting
the
Enh input “low”.
Direct Interface Mode
Direct Interface Mode is selected by setting the
“Direct” input “high”.
Counter control bits are set directly at the pins as
shown in Table 7 and Table 8.
Table 7. Secondary Register Programming
Table 8. Auxiliary Register Programming
Table 9. Enhancement Register Programming
Interface
Mode
Enh
R5
R4
M8
M7
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Addr
Direct
1
R5
R4
M8
M7
Pre_en
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
X
Serial*
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
0
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
Interface
Mode
Enh
K17
K16
K15
K14
K13
K12
K11
K10
K9
K8
K7
K6
K5
K4
K3
K2
K1
K0
Rsrv
Rsrv
Addr
Direct
1
K17
K16
K15
K14
K13
K12
K11
K10
K9
K8
K7
K6
K5
K4
K3
K2
K1
K0
X
X
X
Serial*
1
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
1
*Serial data clocked serially on Sclk rising edge while E_WR “low” and captured in secondary register on S_WR rising edge.
Interface
Mode
Enh
Reserved
Reserved
fp output
Power
Down
Counter
load
MSEL
output
fc output
LD Disable
Serial*
0
B0
B1
B2
B3
B4
B5
B6
B7
*Serial data clocked serially on Sclk rising edge while E_WR “high” and captured in the double buffer on E_WR falling edge
.
MSB (first in)
MSB (first in)
(last in) LSB
(last in) LSB
(last in) LSB
MSB (first in)


Similar Part No. - 9763-01

ManufacturerPart #DatasheetDescription
logo
Heyco.
9763 HEYCO-9763 Datasheet
106Kb / 1P
   Heyco®-Tite Metallic Liquid Tight Cordgrips
logo
List of Unclassifed Man...
97632-00 ETC1-97632-00 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
97632-00 PSEMI-97632-00 Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
List of Unclassifed Man...
97632-01 ETC1-97632-01 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
97632-11 ETC1-97632-11 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
More results

Similar Description - 9763-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9763 PSEMI-PE9763 Datasheet
353Kb / 15P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
List of Unclassifed Man...
PE97632 ETC1-PE97632 Datasheet
362Kb / 16P
   3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Peregrine Semiconductor
PE97632 PSEMI-PE97632 Datasheet
435Kb / 15P
   3.5 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
PE97632DIE PSEMI-PE97632DIE Datasheet
1Mb / 16P
   3.5 GHz Delta-Sigma Modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
AK1543 AKM-AK1543 Datasheet
840Kb / 35P
   1300MHz Delta-Sigma FractionalSigma -N Frequency Synthesizer
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
logo
NXP Semiconductors
SA8028 PHILIPS-SA8028 Datasheet
278Kb / 28P
   2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
2002 Feb 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com