Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9704-01 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 9704-01
Description  3.0 GHz Integer-N PLL for Rad Hard Apllications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9704-01 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  9704-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9704-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PE9704
Advance Information
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0083~00B
| | UTSi  CMOS RFIC SOLUTIONS
Page 4 of 12
Table 2. Absolute Maximum Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
-0.3
4.0
V
VI
Voltage on any input
-0.3
VDD
+ 0.3
V
II
DC into any input
-10
+10
mA
IO
DC into any output
-10
+10
mA
Tstg
Storage temperature
range
-65
150
°C
Table 3. Operating Ratings
Symbol
Parameter/Conditions
Min
Max
Units
VDD
Supply voltage
2.85
3.15
V
TA
Operating ambient
temperature range
-40
85
°C
Table 4. ESD Ratings
Symbol
Parameter/Conditions
Level
Units
VESD
ESD voltage (Human Body
Model) – Note 1
1000
V
Note 1:
Periodically sampled, not 100% tested. Tested per MIL-
STD-883, M3015 C2
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the same
precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified in Table 4.
Latch-Up Avoidance
Unlike conventional CMOS devices, UTSi CMOS
devices are immune to latch-up.


Similar Part No. - 9704-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
9704-01 PEREGRINE-9704-01 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - 9704-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com