Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9704 Datasheet(PDF) 8 Page - Peregrine Semiconductor Corp.

Part # PE9704
Description  3.0 GHz Integer-N PLL for Rad Hard Apllications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9704 Datasheet(HTML) 8 Page - Peregrine Semiconductor Corp.

Back Button PE9704 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE9704 Datasheet HTML 11Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PE9704
Advance Information
Copyright
Peregrine Semiconductor Corp. 2003
File No. 70/0083~00B
| | UTSi  CMOS RFIC SOLUTIONS
Page 8 of 12
Register Programming
Serial Interface Mode
Serial Interface Mode is selected by setting the
DMODE input “low”.
While the E_WR input is “low”, serial data (DATA
input), B0 to B19, is clocked into a buffer register on
the rising edge of CLOCK, LSB (B0) first. The
contents from this buffer register are transferred into
the frequency control register on the rising edge of
S_WR according to the timing diagram shown in
Figure 3. This data controls the counters as shown
in Table 7.
While the E_WR input is “high”, serial data (DATA
input), B0 to B7, is clocked into a buffer register on
the rising edge of CLOCK, LSB (B0) first. The
contents from this buffer register are transferred into
the enhancement register on the falling edge of
E_WR according to the timing diagram shown in
Figure 3. After the falling edge of E_WR, the data
provides control bits as shown in Table 8. These
bits are active when the Enh input is “low”.
Direct Interface Mode
Direct Interface Mode is selected by setting the
DMODE input “high”. In this mode, the counter values
are set directly at external pins as shown in Table 7
and Figure 2. All frequency control register bits are
addressable except PB (it is not possible to bypass
the ÷10/11 dual modulus prescaler in Direct Mode).
Table 7. Frequency Register Programming
Interface
Mode
Enh
DMODE
R5
R4
M8
M7
PB
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
Serial*
1
0
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
Direct
1
1
R5
R4
M8
M7
0
M6
M5
M4
M3
M2
M1
M0
R3
R2
R1
R0
A3
A2
A1
A0
* Data is clocked serially on CLOCK rising edge while E_WR is “low” and transferred to frequency register on S_WR rising edge.
LSB (first in)
MSB (last in)
Table 8. Enhancement Register Programming
Interface
Mode
Enh
DMODE
Reserved*
Reserved*
fp output
Power
down
Counter
load
MSEL
output
fc output
Reserved*
Serial**
0
X
B0
B1
B2
B3
B4
B5
B6
B7
* Program to 0
* Data is clocked serially on CLOCK rising edge while E_WR is “low” and transferred to frequency register on S_WR rising edge.
LSB (first in)
MSB (last in)


Similar Part No. - PE9704

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Pasternack Enterprises,...
PE9704 PASTERNACK-PE9704 Datasheet
72Kb / 1P
   FME PLUG TO N MALE
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE9704

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702 Datasheet
278Kb / 14P
   3.0 GHz Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com