Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9601-01 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 9601-01
Description  2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9601-01 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  9601-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. 9601-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Product Specification
PE9601
Page 4 of 14
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0025-05
│ UltraCMOS™ RFIC Solutions
30
fp
ALL
Output
Monitor pin for main divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 31.
31
VDD-fp
ALL
(Note 2)
VDD for fp.
32
Dout
Serial, Parallel
Output
Data Out. The MSEL signal and the raw prescaler output are available on Dout
through enhancement register programming.
33
VDD
ALL
(Note 1)
Same as pin 1.
34
Cext
ALL
Output
Logical “OR” of PD_U and PD_D terminated through an on chip, 2 kW series
resistor. Connecting Cext to an external capacitor will low pass filter the input to the
inverting amplifier used for driving LD.
35
VDD
ALL
(Note 1)
Same as pin 1.
36
CP
ALL
Output
Charge pump current is sourced for “up” when fc leads fp and sinked for “down”
when fc lags fp.
37
NC
ALL
No connection.
38
VDD-fc
ALL
(Note 2)
VDD for fc
39
fc
ALL
Output
Monitor pin for reference divider output. Switching activity can be disabled through
enhancement register programming or by floating or grounding VDD pin 38.
40
GND
ALL
Ground.
41
GND
ALL
Ground.
42
fr
ALL
Input
Reference frequency input. See Figure 4.
43
LD
ALL
Output,
OD
Lock detect and open drain logical inversion of Cext. When the loop is in lock, LD
is high impedance, otherwise LD is a logic low (“0”).
44
Enh
Serial, Parallel
Input
Enhancement mode. When asserted low (“0”), enhancement register bits are
functional.
Pin No.
Pin Name
Interface Mode
Type
Description
Table 1. Pin Descriptions (continued)
Note 1:
VDD pins 1, 11, 12, 23, 33, and 35 are connected by diodes and must be supplied with the same positive voltage level.
Note 2:
VDD pins 31 and 38 are used to enable test modes and should be left floating.
Note 3:
All digital input pins have 70k ohm pull-down resistors to ground.
2.8pF
125K
PIN 42
Figure 4. Looking into the device PIN 42 - fr


Similar Part No. - 9601-01

ManufacturerPart #DatasheetDescription
logo
ETRI
9601-36 ETRI-9601-36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
9601-36/36 ETRI-9601-36/36 Datasheet
82Kb / 1P
   PLUGS AND CABLES
9601-36/3M ETRI-9601-36/3M Datasheet
82Kb / 1P
   PLUGS AND CABLES
9601-36/60 ETRI-9601-36/60 Datasheet
82Kb / 1P
   PLUGS AND CABLES
9601-36/90 ETRI-9601-36/90 Datasheet
82Kb / 1P
   PLUGS AND CABLES
More results

Similar Description - 9601-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com