Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN7124 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. AN7124
Description  Dual 3.1 W Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7124 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7124 Datasheet HTML 1Page - Panasonic Semiconductor AN7124 Datasheet HTML 2Page - Panasonic Semiconductor AN7124 Datasheet HTML 3Page - Panasonic Semiconductor AN7124 Datasheet HTML 4Page - Panasonic Semiconductor AN7124 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICs for Audio Common Use
1
AN7124
Dual 3.1 W Audio Power Amplifier
s Overview
The AN7124 is a monolithic integrated circuit designed
for dual audio power amplifier of portable radio cassette.
s Features
• Audio output : 3.1 W × 2 channel
• Built-in standby and muting circuit
• Built-in thermal shut down protection circuit
• Low pop noise during standby and mute ON/OFF
• No negative feedback pin
s Applications
• Radio-cassette
s Block Diagram
s Pin Descriptions
HSIP012-P-0000A
Unit : mm
7.7±0.3
(12.5)
19.1±0.3
21.9±0.3
(1.2)
φ3.6
R1.8
Pin No.
Description
1
Stand-by
2
Muting
3
ch.2 input
4
ch.1 input
5
Input GND
6
Ripple filter
Pin No.
Description
7
ch.1 output
8
ch.1 bootstrap
9
Output GND
10
VCC
11
ch.2 bootstrap
12
ch.2 output
Over current
thermal
protection
circuit
Ripple
filter
STB
Mute
45 dB
45 dB


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1877Dual Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4765Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE1389Integrated Circuit Dual Audio Power Amplifier 20W 1 2 3 NTE Electronics
NTE990Integrated Circuit Dual Audio Power Amplifier 1 2 3 NTE Electronics
AN7134NRDUAL 7.5W AUDIO POWER AMPLIFIER 1 2 3 4 5 Panasonic Semiconductor
TA8200AHDUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
LM1896LM1896/LM2896 Dual Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4766Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
TA7270P5.8W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
KIA6210AH22W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn