Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AN7124 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. AN7124
Description  Dual 3.1 W Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AN7124 Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ICs for Audio Common Use
AN7124
3
s Application Circuit Example
s Characteristics Curve
PD  Ta
1. TC = Ta j-c = 2 °C/W)
2. 20.83 W (
θ
f = 4.0 °C/W)
With a 100 cm2
× 3 mm Al heat sink (black
colour coated) or a 200 cm2
× 2 mm Al
heat sink (not lacquered)
3. 15.63 W (
θ
f = 6.0 °C/W)
With a 100 cm2
× 2 mm Al heat sink(not
lacquered)
4. 3.0 W at Ta = 25 °C (θj-a = 42 °C/W)
Without heat sink
0
0
120
160
Ambient temperature T
a (°C)
40
80
10
20
30
40
50
60
70
20.8 W
15.6 W
3.0 W
(1)
(2)
(3)
(4)
62.5 W
VIN2VIN1
VCC = 9 V/12 V
22
µF 33 µF
100
µF
47
µF
47
µF
RL
3
RL
3
47 nF
1 000
µF
1 000
µF
1 000
µF
1
µF
1
µF
47 nF
3.9 k
8.2 k
2.2
2.2
0 V(Off)
5 V(On)
(Off)5 V
(On)0 V


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM1877Dual Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4765Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
NTE1389Integrated Circuit Dual Audio Power Amplifier 20W 1 2 3 NTE Electronics
NTE990Integrated Circuit Dual Audio Power Amplifier 1 2 3 NTE Electronics
AN7134NRDUAL 7.5W AUDIO POWER AMPLIFIER 1 2 3 4 5 Panasonic Semiconductor
TA8200AHDUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
LM1896LM1896/LM2896 Dual Audio Power Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
LM4766Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute 1 2 3 4 5 MoreNational Semiconductor (TI)
TA7270P5.8W DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreToshiba Semiconductor
KIA6210AH22W BTL DUAL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn